データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1897 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SD1897
部品情報  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1897 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1897 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1897 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD1897 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1897
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA , IB=0
100
V
V(BR)CBO
Collector-base breakdown voltage
IC=50μA , IE=0
100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50μA , IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=3A ;IB=0.3A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=3A ;IB=0.3A
1.5
V
ICBO
Collector cut-off current
VCB=100V IE=0
10
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μA
hFE
DC current gain
IC=1A ; VCE=5V
60
320
fT
Transition frequency
IE=-0.5A ; VCE=5V;f=5MHz
8
MHz
Cob
Output capacitance
IE=0 ; VCB=10V ,f=1MHz
100
pF
hFE Classifications
D
E
F
60-120
100-200
160-320


同様の部品番号 - 2SD1897

メーカー部品番号データシート部品情報
logo
Rohm
2SD1897 ROHM-2SD1897 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SD1897 SAVANTIC-2SD1897 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2SD1897 SAVANTIC-2SD1897 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - 2SD1897

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com