データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMH-461 データシート(PDF) 9 Page - Crane Aerospace & Electronics.

部品番号 FMH-461
部品情報  EMI INPUT FILTER 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CRANE [Crane Aerospace & Electronics.]
ホームページ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMH-461 データシート(HTML) 9 Page - Crane Aerospace & Electronics.

  FMH-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 6Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 7Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 8Page - Crane Aerospace & Electronics. FMH-461 Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
C2-10
TEST (125°C Products)
STANDARD
/ES
/883 (Class H)*
PRE-CAP INSPECTION
Method 2017, 2032
yes
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
yes
Method 1010, Cond. B, -55°C to 125°C
no
yes
no
CONSTANT ACCELERATION
Method 2001, 3000 g
no
no
yes
Method 2001, 500 g
no
yes
no
BURN-IN
Method 1015, 160 hours at 125°C
no
no
yes
96 hours at 125°C case (typical)
no
yes
no
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
*883 products are built with element evaluated components and are 100% tested and guaranteed over
the full military temperature range of –55°C to +125°C.
MOR Series
MFLHP Series
MFL Series
MHP Series
MTR Series
MQO Series**
MHD Series
MHV Series
MHF+ Series
MHF Series**
MGA Series
MSA Series
MGH Series
MCH Series
FM-704A EMI Filter
FMD**/FME EMI Filter
FMC EMI Filter
FMH EMI Filter
FMGA EMI Filter
FMSA EMI Filter
HUM Modules**
LCM Modules**
LIM Modules
QA SCREENING
125°C PRODUCTS
125°C PRODUCTS
Applies to the following products
**MFLHP Series, MQO Series, MHF Series, FMD EMI Filters, Hum Modules, and LCM Modules do not offer
‘883” screening.


同様の部品番号 - FMH-461

メーカー部品番号データシート部品情報
logo
Interpoint Corporation ...
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461/883 INTERPOINT-FMH-461/883 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461F/883 INTERPOINT-FMH-461F/883 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
More results

同様の説明 - FMH-461

メーカー部品番号データシート部品情報
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
logo
Crane Aerospace & Elect...
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com