データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT4052E データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT4052E
部品情報  High Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4052E データシート(HTML) 8 Page - Texas Instruments

Back Button CD74HCT4052E Datasheet HTML 4Page - Texas Instruments CD74HCT4052E Datasheet HTML 5Page - Texas Instruments CD74HCT4052E Datasheet HTML 6Page - Texas Instruments CD74HCT4052E Datasheet HTML 7Page - Texas Instruments CD74HCT4052E Datasheet HTML 8Page - Texas Instruments CD74HCT4052E Datasheet HTML 9Page - Texas Instruments CD74HCT4052E Datasheet HTML 10Page - Texas Instruments CD74HCT4052E Datasheet HTML 11Page - Texas Instruments CD74HCT4052E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
HCT TYPES
High Level Input Voltage,
VIH
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input Voltage,
VIL
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
On Resistance, rON
IO = 1mA, (Figure 15)
VCC or VEE
VIL or
VIH
0
4.5
-
70
160
-
200
-
240
-
-
-
-
-
----
-4.5
4.5
-
40
120
-
150
-
180
VCC to VEE
0
4.5
-
90
180
-
225
-
270
-
-
-
-
-
----
-4.5
4.5
-
45
130
-
162
-
195
Maximum On Resistance
Between any Two
Channels,
∆rON
0
4.5
-
10
-
----
-
-
-
-
-
----
-4.5
4.5
-
5
-
----
Switch On/Off Leakage
Current, IIZ
For Switch Off:
When VIS =VCC,
VOS = VEE;
When VIS =VEE,
VOS = VCC
For Switch On:
All Applicable
Combinations of
VIS and VOS
Voltage Levels
VIL or
VIH
1 and 2 Channels
0
6
-
-
±0.1
-
±1-
±1
µA
4053
-5
5
-
-
±0.1
-
±1-
±1
µA
4 Channels
0
6
-
-
±0.1
-
±1-
±1
µA
4052
-5
5
-
-
±0.2
-
±2-
±2
µA
8 Channels
0
6
-
-
±0.2
-
±2-
±2
µA
4051
-5
5
-
-
±0.4
-
±4-
±4
µA
Control Input Leakage
Current, IIL
-
(Note 4)
-
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current, ICC
IO = 0
When VIS =VEE,
VOS = VCC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
When VIS =VCC,
VOS = VEE
-4.5
5.5
-
-
16
-
160
-
320
µA
Additional Quiescent
Device Current
Per Input Pin: 1 Unit
Load
∆ICC
(Note 5)
VCC -
2.1
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTES:
4. Any voltage between VCC and GND.
5. For dual supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
TEST CONDITIONS
AMBIENT TEMPERATURE, TA
UNITS
VIS
(V)
VI
(V)
VEE
(V)
VCC
(V)
25oC
-40oC - 85oC
-55oC - 125oC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
TYPE
INPUT
UNIT LOADS
(NOTE)
4051, 4053
All
0.5
4052
All
0.4
NOTE: Unit load is
∆ICC limit specified in DC Specifications table,
e.g., 360mA max. at 25oC.
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


同様の部品番号 - CD74HCT4052E

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT4052E TI-CD74HCT4052E Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

同様の説明 - CD74HCT4052E

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com