データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI4002UC データシート(PDF) 1 Page - Sparkle Power Inc.

部品番号 SPI4002UC
部品情報  400 Watts ATX12V/EPS12V, 2U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPI [Sparkle Power Inc.]
ホームページ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI4002UC データシート(HTML) 1 Page - Sparkle Power Inc.

  SPI4002UC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply M
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6.3A @ 115Vac, 3.0A @ 230Vac
Inrush Current: No Damage
anufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
SPI4002UC
(80PLUS, RoHS Compliant)
400 Watts ATX12V/EPS12V, 2U
Switching Power Supply
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: Typical up to 85%
Rise time: Less than 20ms
Hold-up Time: 17 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 240x100x70mm /9.4x3.9x 2.7 inch
Features
Complied with ATX12V/ EPS12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settabl
ower shut down
e p
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22
ass B at 230Vac operation
cl
Approved y : UL,CSA22.2 NO or CUL 60950-1, TUV or VDE,
EMC,FCC ,CE, CB report.
b
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
10A
20A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
1.5A
8A
16A
± 5%
120mV P-P
+12V2
1.5A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* Total output for this subject power supply is 400W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


同様の部品番号 - SPI4002UC

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
SPI4002UB SPI-SPI4002UB Datasheet
274Kb / 2P
   400 Watts ATX/EPS12V 2U Switching Power Supply
More results

同様の説明 - SPI4002UC

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
SPI5102UA SPI-SPI5102UA Datasheet
35Kb / 1P
   510 Watts ATX12V/ EPS12V 2U Switching Power Supply
SPI600W7BB SPI-SPI600W7BB Datasheet
48Kb / 1P
   600 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI700W7BB SPI-SPI700W7BB Datasheet
46Kb / 1P
   700 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI5002UC SPI-SPI5002UC Datasheet
44Kb / 1P
   500 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI4001UG SPI-SPI4001UG Datasheet
425Kb / 1P
   400 Watts ATX12V/EPS12V 1U Switching Power Supply
SPI400W7BB SPI-SPI400W7BB Datasheet
51Kb / 1P
   400 Watts ATX12V, 2U Switching Power Supply
SPI4002UB SPI-SPI4002UB Datasheet
274Kb / 2P
   400 Watts ATX/EPS12V 2U Switching Power Supply
FSP400-601UC SPI-FSP400-601UC Datasheet
341Kb / 2P
   400 Watts,ATX12V,EPS12V, 1U Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com