データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4900 データシート(PDF) 1 Page - Savantic, Inc.

部品番号 2N4900
部品情報  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N4900 データシート(HTML) 1 Page - Savantic, Inc.

  2N4900 Datasheet HTML 1Page - Savantic, Inc. 2N4900 Datasheet HTML 2Page - Savantic, Inc. 2N4900 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2N4898 2N4899 2N4900
DESCRIPTION
·With TO-66 package
·Low collector saturation voltage
·Excellent safe operating area
·2N4900 complement to type 2N4912
APPLICATIONS
·Designed for driver circuits,switching
and amplifier applications
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
ABSOLUTE MAXIMUM RATINGS
(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N4898
-40
2N4899
-60
VCBO
Collector-base voltage
2N4900
Open emitter
-80
V
2N4898
-40
2N4899
-60
VCEO
Collector-emitter voltage
2N4900
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-1.0
A
ICM
Collector current-peak
-4.0
A
IB
Base current
-1.0
A
PD
Total Power Dissipation
TC=25
25
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
R(th) jc
Thermal resistance junction to case
7.0
/W
Fig.1 simplified outline (TO-66) and symbol


同様の部品番号 - 2N4900

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
2N4900 MOSPEC-2N4900 Datasheet
180Kb / 4P
   POWER TRANSISTORS(1A, 25W)
logo
Central Semiconductor C...
2N4900 CENTRAL-2N4900 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N4900 ETC-2N4900 Datasheet
347Kb / 8P
   Power Transistors
logo
Quanzhou Jinmei Electro...
2N4900 JMNIC-2N4900 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4900 ISC-2N4900 Datasheet
140Kb / 3P
   Silicon PNP Power Transistors
More results

同様の説明 - 2N4900

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com