データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU426 データシート(PDF) 2 Page - Savantic, Inc.

部品番号 BU426
部品情報  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU426 データシート(HTML) 2 Page - Savantic, Inc.

  BU426 Datasheet HTML 1Page - Savantic, Inc. BU426 Datasheet HTML 2Page - Savantic, Inc. BU426 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU426 BU426A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BU426
375
VCEO(SUS)
Collector-emitter
sustaining voltage
BU426A
IC=100mA; IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=2.5A; IB=0.5A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A; IB=1.25A
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=2.5A; IB=0.5A
1.4
V
VBEsat-2
Base-emitter saturation voltage
IC=4A; IB=1.25A
1.6
V
BU426
VCE=800V ;VBE=0
TC=125
1.0
2.0
ICES
Collector cut-off current
BU426A
VCE=900V ;VBE=0
TC=125
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=10V; IC=0
10
mA
hFE
DC current gain
IC=0.6A ; VCE=5V
30
60
Switching times
ton
Turn-on time
IC=2.5A ; VCC=250V
IB1=0.5A
0.5
µs
tstg
Storage time
3.5
µs
tf
Fall time
IC=2.5A ; VCC=250V
IB1=0.5A; IB2=-1A
0.5
µs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance from junction to case
1.1
/W


同様の部品番号 - BU426

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Power Innovations Ltd
BU426 POINN-BU426 Datasheet
131Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU426 STMICROELECTRONICS-BU426 Datasheet
49Kb / 2P
   HIGH VOLTAGE POWER SWITCH
logo
Transys Electronics
BU426 TRSYS-BU426 Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU426 SIEMENS-BU426 Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - BU426

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com