データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC195 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC195
部品情報  High Speed CMOS Logic 4-Bit Parallel Access Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC195 データシート(HTML) 5 Page - Texas Instruments

  CD74HC195 Datasheet HTML 1Page - Texas Instruments CD74HC195 Datasheet HTML 2Page - Texas Instruments CD74HC195 Datasheet HTML 3Page - Texas Instruments CD74HC195 Datasheet HTML 4Page - Texas Instruments CD74HC195 Datasheet HTML 5Page - Texas Instruments CD74HC195 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Test Circuit and Waveforms
FIGURE 1. CLOCK PRE-REQUISITE AND PROPAGATION
DELAYS AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESET PRE-REQUISITE AND
PROPAGATION DELAYS
FIGURE 3. J, K OR PARALLEL ENABLE PRE-REQUISITE TIMES
CLOCK
Q OR Q
VCC
GND
tTHL
tTLH
10%
90%
l/fMAX
tW
tr
tf
VS
tPLH tPHL
10%
90%
0.5 VCC
RESET
Q
tPLH
Q
CLOCK
tREM
VS
tPHL
VS
tW
VCC
GND
VCC
GND
0.5 VCC
0.5 VCC
PE, K
VALID
J
0.5 VCC
tSU
CLOCK
VS
VCC
GND
GND
th
CD74HC195


同様の部品番号 - CD74HC195

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195 TI-CD74HC195 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195 TI-CD74HC195 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195E TI-CD74HC195E Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195E TI-CD74HC195E Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results

同様の説明 - CD74HC195

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com