データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC2510C データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDC2510C
部品情報  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDC2510C データシート(HTML) 8 Page - Texas Instruments

Back Button CDC2510C Datasheet HTML 4Page - Texas Instruments CDC2510C Datasheet HTML 5Page - Texas Instruments CDC2510C Datasheet HTML 6Page - Texas Instruments CDC2510C Datasheet HTML 7Page - Texas Instruments CDC2510C Datasheet HTML 8Page - Texas Instruments CDC2510C Datasheet HTML 9Page - Texas Instruments CDC2510C Datasheet HTML 10Page - Texas Instruments CDC2510C Datasheet HTML 11Page - Texas Instruments CDC2510C Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDC2510C
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS621 – DECEMBER 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
PHASE ERROR
vs
CLOCK FREQUENCY
20
40
60
80
100
120
140
160
fc – Clock Frequency – MHz
–100
–150
–250
–300
–350
–400
–200
–50
0
–450
–500
VCC = 3.3 V
C(LY) = 30 pF
C(LF) = 0
TA = 25°C
See Note A
Figure 6
PHASE ERROR
vs
SUPPLY VOLTAGE
–100
–150
–250
–300
–350
–400
–200
3.1
3.2
3.3
3.4
3.5
–50
0
–450
–500
fc = 100 MHz
C(LY) = 30 pF
C(LF) = 0
TA = 25°C
See Note A
VCC – Supply Voltage – V
Figure 7
–300
–400
–500
–700
35
45
55
65
75
85
95
105
115
125
–600
–200
VCC = 3.3 V
C(LY) = C(LF) = 30 pF
TA = 25°C
See Notes B to D
fc – Clock Frequency – MHz
CDC2510C
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
Figure 8
–300
–400
–500
–700
35
45
55
65
75
85
95
105
115
125
–600
–200
VCC = 3.3 V
C(LY) = C(LF) = 30 pF
See Notes B to D
fc – Clock Frequency – MHz
CDC2510A
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω
B. Phase error measured from CLK to FBIN
C. CLY = Lumped capacitive load at Y
D. CLF = Lumped feedback capacitance at FBIN


同様の部品番号 - CDC2510C

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC2510C TI1-CDC2510C Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2510CPW TI1-CDC2510CPW Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2510CPWG4 TI1-CDC2510CPWG4 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2510CPWR TI1-CDC2510CPWR Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2510CPWRG4 TI1-CDC2510CPWRG4 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
More results

同様の説明 - CDC2510C

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com