データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3042 データシート(PDF) 1 Page - Savantic, Inc.

部品番号 2SC3042
部品情報  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3042 データシート(HTML) 1 Page - Savantic, Inc.

  2SC3042 Datasheet HTML 1Page - Savantic, Inc. 2SC3042 Datasheet HTML 2Page - Savantic, Inc. 2SC3042 Datasheet HTML 3Page - Savantic, Inc. 2SC3042 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3042
DESCRIPTION
·With TO-3PN package
·High breakdown voltage (VCBO 500V)
·Fast switching speed
·Wide ASO Safe Operating Area
APPLICATIONS
·400V/12A switching regulator applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
500
V
VCEO
Collector-emitter voltage
Open base
400
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
12
A
ICM
Collector current-peak
25
A
IB
Base current
4
A
Ta=25
2.5
PC
Collector power dissipation
TC=25
100
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-3PN) and symbol


同様の部品番号 - 2SC3042

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SC3042 SANYO-2SC3042 Datasheet
92Kb / 3P
   For Switching Regulators
logo
Inchange Semiconductor ...
2SC3042 ISC-2SC3042 Datasheet
193Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3042 SAVANTIC-2SC3042 Datasheet
208Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3042 NJSEMI-2SC3042 Datasheet
142Kb / 2P
   Silicon NPN Power Transistor
More results

同様の説明 - 2SC3042

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com