データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC921DL データシート(PDF) 8 Page - Texas Instruments

部品番号 CDC921DL
部品情報  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDC921DL データシート(HTML) 8 Page - Texas Instruments

Back Button CDC921DL Datasheet HTML 4Page - Texas Instruments CDC921DL Datasheet HTML 5Page - Texas Instruments CDC921DL Datasheet HTML 6Page - Texas Instruments CDC921DL Datasheet HTML 7Page - Texas Instruments CDC921DL Datasheet HTML 8Page - Texas Instruments CDC921DL Datasheet HTML 9Page - Texas Instruments CDC921DL Datasheet HTML 10Page - Texas Instruments CDC921DL Datasheet HTML 11Page - Texas Instruments CDC921DL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CDC921
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS623 –MAY 27, 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
CPUx, CPU_DIV2, APIC (Type 1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 2.375 V,
IOH = –12 mA
2
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 2.375 V,
IOL = 12 mA
0.18
0.4
V
VDD = 2.375 V,
VO = 1 V
–26
–42
IOH
High-level output current
VDD = 2.5 V,
VO = 1.25 V
–46
mA
VDD = 2.625 V,
VO = 2.375 V
–16
–27
VDD = 2.375 V,
VO = 1.2 V
27
57
IOL
Low-level output current
VDD = 2.5 V,
VO = 1.25 V
63
mA
VDD = 2.625 V,
VO = 0.3 V
23
43
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
5.8
8.5
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
13.5
27
45
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
13.5
20
45
† All typical values are measured at their respective nominal VDD values.
48MHz, REFx (Type 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –14 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 9 mA
0.18
0.4
V
VDD = 3.135 V,
VO = 1 V
–27
–41
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–41
mA
VDD = 3.465 V,
VO = 3.135 V
–12
–23
VDD = 3.135 V,
VO = 1.95 V
29
50
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
53
mA
VDD = 3.465 V,
VO = 0.4 V
20
37
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
20
40
60
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
20
31
60
† All typical values are measured at their respective nominal VDD values.


同様の部品番号 - CDC921DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC921 TI-CDC921 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
More results

同様の説明 - CDC921DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC930 TI-CDC930 Datasheet
363Kb / 17P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC950 TI-CDC950 Datasheet
262Kb / 16P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com