データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC924 データシート(PDF) 2 Page - Texas Instruments

部品番号 CDC924
部品情報  DIRECT RAMBUSE CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDC924 データシート(HTML) 2 Page - Texas Instruments

  CDC924 Datasheet HTML 1Page - Texas Instruments CDC924 Datasheet HTML 2Page - Texas Instruments CDC924 Datasheet HTML 3Page - Texas Instruments CDC924 Datasheet HTML 4Page - Texas Instruments CDC924 Datasheet HTML 5Page - Texas Instruments CDC924 Datasheet HTML 6Page - Texas Instruments CDC924 Datasheet HTML 7Page - Texas Instruments CDC924 Datasheet HTML 8Page - Texas Instruments CDC924 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The CDCR81 is characterized for operation over free-air temperatures of 0
°C to 85°C.
functional block diagram
Bypass MUX
Test MUX
B
A
PLL
Phase
Aligner
PACLK
PLLCLK
ByPCLK
CLK
CLKB
REFCLK
φD
SYNCLKN
PCLKM
MULT0
MULT1
2
PWRDWNB
S0
S1
S2
STOPB
FUNCTION TABLE†
MODE
S0
S1
S2
CLK
CLKB
Normal
0
0
0
Phase aligned clock
Phase aligned clock B
Bypass
1
0
0
PLLCLK
PLLCLKB
Test
1
1
0
REFCLK
REFCLKB
Output test (OE)
0
1
X
Hi-Z
Hi-Z
Reserved
0
0
1
Reserved
1
0
1
Reserved
1
1
1
Hi-Z
Hi-Z
† X = don’t care, Hi-Z = high impedance


同様の部品番号 - CDC924

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI1-CDC924 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924DL TI1-CDC924DL Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
CDC924DLG4 TI1-CDC924DLG4 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
More results

同様の説明 - CDC924

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com