データシートサーチシステム |
|
2SC4533 データシート(PDF) 1 Page - Savantic, Inc. |
|
2SC4533 データシート(HTML) 1 Page - Savantic, Inc. |
1 / 4 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SC4533 DESCRIPTION ··With TO-220Fa package ·High speed switching ·High VCBO ·Wide area of safe operation APPLICATIONS ·For high breakdown voltage ,high-speed switching applications PINNING PIN DESCRIPTION 1 Base 2 Collector 3 Emitter Absolute maximum ratings (Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 500 V VCEO Collector-emitter voltage Open base 400 V VEBO Emitter-base voltage Open collector 7 V IC Collector current (DC) 3 A ICM Collector current-Peak 6 A IB Base current 1.2 A TC=25 30 PC Collector power dissipation Ta=25 2 W Tj Junction temperature 150 Tstg Storage temperature -55~150 Fig.1 simplified outline (TO-220Fa) and symbol |
同様の部品番号 - 2SC4533 |
|
同様の説明 - 2SC4533 |