データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF411CDE4 データシート(PDF) 4 Page - Texas Instruments

部品番号 LF411CDE4
部品情報  JFET-INPUT OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LF411CDE4 データシート(HTML) 4 Page - Texas Instruments

  LF411CDE4 Datasheet HTML 1Page - Texas Instruments LF411CDE4 Datasheet HTML 2Page - Texas Instruments LF411CDE4 Datasheet HTML 3Page - Texas Instruments LF411CDE4 Datasheet HTML 4Page - Texas Instruments LF411CDE4 Datasheet HTML 5Page - Texas Instruments LF411CDE4 Datasheet HTML 6Page - Texas Instruments LF411CDE4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
LF411CD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LF411CDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LF411CDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LF411CDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LF411CP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
LF411CPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
LF411ID
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
LF411IDR
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
LF411IP
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 1


同様の部品番号 - LF411CDE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LF411CD TI1-LF411CD Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDG4 TI1-LF411CDG4 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDR TI1-LF411CDR Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDRG4 TI1-LF411CDRG4 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results

同様の説明 - LF411CDE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com