データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAB600-BD8 データシート(PDF) 2 Page - Gamewell-FCI by Honeywell

部品番号 CAB600-BD8
部品情報  IdentiFlex 650 base analog/addressable system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
ホームページ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAB600-BD8 データシート(HTML) 2 Page - Gamewell-FCI by Honeywell

  CAB600-BD8 Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAB600-BD8 Datasheet HTML 2Page - Gamewell-FCI by Honeywell CAB600-BD8 Datasheet HTML 3Page - Gamewell-FCI by Honeywell CAB600-BD8 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2005 Rev. A page 2 of 4
www.gamewell-fci.com
The Reset key returns the control panel to idle mode after
an alarm condition has been cleared. Trouble conditions
that have been cleared will automatically return the control
panel to idle mode if the problem has been corrected. Trou-
ble conditions that have been acknowledged will resound
the internal sounder if the condition is not corrected within
a programmed time period.
The Signal Silence key deactivates notification appliances.
This function can be modified by user programming to
operate only after a specified time period.
There are three additional programmable switches avail-
able to control application-specific operations. Keys for
programming and bypass functions, along with LEDs for
active and trouble conditions, are provided for the City
Connection, and two signal circuits which are part of the
Common Control section.
Other Panel/System Components
The IF650 COMMON CONTROL SECTION comprises the
heart of the system. The common control section houses
the main CPU and all system memory as well as providing
local and remote communications and supervision. The
common control contains the common system relays, two
signal circuits, city tie, and optional EIA-232 port. All inter-
action with the common control section is through the oper-
ator’s display panel. Four relay circuits control auxiliary
functions. The relays, rated at 10 Amps, are controlled by
the main CPU. Two 24 VDC notification appliance circuits
(NAC) are provided. The NACs can provide a steady or
coded output. All circuits are power-limited per NEC 760
and UL 864.
The IF650 ANALOG INTERFACE MODULE (AAM95-
1,2,4) occupies one bay and has from one to four circuits
that can monitor and control up to 126 addressable/analog
devices each for a total of 504 points per bay. Gamewell-
FCI IF650 systems can be configured for up to 2016 points.
The analog interface module has a dedicated microproces-
sor which simultaneously communicates with the con-
nected field devices and the main CPU. This feature allows
the IF650 to maintain maximum communications speed
throughout the system. Analog/addressable circuits can be
wired as non-polarized in Style 4, 6, or 7. The communica-
tions protocol provides for alarm verification per detector,
detector adjustability and compensation, adjustable analog
heat detector range (131°F to 194°F/55°C to 90°C), circuit
isolation, and priority interrupts. Priority interrupts allow
contact-type devices such as manual fire alarm stations to
interrupt the polling cycle and transmit their addresses at
any time during a polling sequence. The digital protocol
allows the IF650 to operate on most types of field wiring,
greatly expanding its use in retrofit applications (consult
Gamewell-FCI
Technical
Support
for
specific
wiring
requirements).
The CONVENTIONAL INPUT MODULE (CIM-8) occupies
one bay and provides eight hard-wired input circuits for
monitoring
conventional
detectors
and
contact-type
devices. The CIM-8 monitors and reports each circuit’s
analog status to the CPU as it distinguishes between
detectors and contact devices and determines if two or
more detectors are in alarm. Each input module uses one
slot in the MPU bus and is supplied with its own display
module. The display module provides LED annunciation of
alarm and trouble conditions and has a switch (per circuit)
for programming and bypass functions. The display has
space for user-defined custom labels for each circuit.
Beyond normal alarm and supervisory functions, the input
circuits can be programmed for Remote Acknowledge,
Reset, Signal Silence, and Release Abort switches. Cir-
cuits can be wired for Style B, D, and E service and are
capable of monitoring normally-closed devices.
The 600 Series UNIVERSAL SIGNAL MODULE (USM-8)
occupies one bay and is a multifunctional eight-circuit out-
put module. USM-8 modules communicate via the MPU
bus and require one expansion slot each. The USM can be
configured as 24 VDC signaling circuits. Modules are pro-
grammed in two-circuit increments, making it possible to
perform all four functions with a single module. Signal cir-
cuits provide steady or coded outputs. All circuits are
power-limited per NEC 760 and UL 864. Signal circuits can
be wired in either Style Y or Z. Signal modules are supplied
with their own display that provides LED annunciation of
activation and trouble conditions and has a switch (per cir-
cuit) for programming and bypass functions. The display
has space for user-defined custom labels for each circuit.
The 600 Series POWER SUPPLY (MPS-8) furnishes sys-
tem operating and signaling power. The supply is equipped
with a battery charger for maintaining the secondary power
source. The power supply is monitored by the main CPU to
ensure that adequate power levels are maintained. The
power supply design allows for high efficiency while provid-
ing precise power output. The battery charger is capable of
operating with lead-acid batteries and maintaining up to 50
AH batteries. Multiple auxiliary power supplies (APS-8)
may be added to the system when additional power is
required.
The 600 Series RELAY MODULE (RM-8) supplies eight
NO/NC relays for control of auxiliary functions. The relays
are controlled by the main CPU and are fully programma-
ble. Each position on the MPU bus can accommodate a
relay module. The relays are rated at 10 Amps and each is


同様の部品番号 - CAB600-BD8

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
CAB610 GAMEWELL-FCI-CAB610 Datasheet
81Kb / 3P
   Analog Addressable Control Panel
CAB610-XL GAMEWELL-FCI-CAB610-XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
More results

同様の説明 - CAB600-BD8

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
IF610-126 GAMEWELL-FCI-IF610-126 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
   Analog addressable manual pull station
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com