データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM536-1 データシート(PDF) 1 Page - Datatronic Distribution, Inc.

部品番号 SM536-1
部品情報  ADSL Line Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM536-1 データシート(HTML) 1 Page - Datatronic Distribution, Inc.

  SM536-1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONIC
:
28151 Highway 74, Romoland, CA 92858
Tel: 951-928-7700 Toll Free: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
For non-RoHS parts replace SM prefix with 42-
(e.g. SM536-1 becomes 42-536-1)
3.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with
J-STD-020C.
SM536-1 ADSL Line Transformers
Features
For use with Globespan G7000 ADSL Chipset in customer premise
applications
Excellent Total Harmonic Distortion (THD) Performance in small size
SMT and Small size package
Designed to meet IEC950 supplementary insulation requirement for
voltages up to 250 Vrms maximum
ELECTRICAL SPECIFICATIONS AT 25
°C:
OPERATING TEMP: -40
°C to +85°C
TURNS RATIO
1 : 1
±2%
OCL @10kHz, 0.1V
(1-5) WITH (2-4) SHORTED
430
µH±10%
(10-6) WITH (9-7) SHORTED
430
µH±10%
LEAKAGE INDUCTANCE @100kHz 0.1V
(1-5) WITH (2-4), (7-9), (10-6) SHORTED
10.0
µH MAX
LONGITUDINAL BALANCE
25kHz TO 1.1MHz
40dB MIN
I NSERTION LOSS @772kHz
<0.5dB
ISOLATION VOLTAGE (MAX)
1875 Vrms
LOAD RESISTANCE
100
DC RESISTANCE
(1-4)=(2-5)
0.45
Ω MAX
(10-7)=(9-6)
0.35
Ω MAX
THD LINEARITY @100kHz
-80dB TYP
OUTLINE DIMENSIONS
SCHEMATIC


同様の部品番号 - SM536-1

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SM536-1 BOURNS-SM536-1 Datasheet
182Kb / 1P
   Line Transformers
SM536-1E BOURNS-SM536-1E Datasheet
182Kb / 1P
   Line Transformers
SM536-1EL BOURNS-SM536-1EL Datasheet
182Kb / 1P
   Line Transformers
More results

同様の説明 - SM536-1

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
   ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
   ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
   ADSL Line Transformers
logo
Bourns Electronic Solut...
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
   ADSL Line Transformers
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
   ADSL Line Transformers
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
   ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
   ADSL Line Transformers
SM538-1 DATATRONICS-SM538-1 Datasheet
113Kb / 1P
   ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B2031NL PULSE-B2031NL Datasheet
93Kb / 1P
   ADSL LINE TRANSFORMERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com