データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT-12180 データシート(PDF) 2 Page - Gamewell-FCI by Honeywell

部品番号 BAT-12180
部品情報  NAC Expander/Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
ホームページ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BAT-12180 データシート(HTML) 2 Page - Gamewell-FCI by Honeywell

  BAT-12180 Datasheet HTML 1Page - Gamewell-FCI by Honeywell BAT-12180 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FireForce 6 CS-2498 09/01/06
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Ordering Information
FF6
24 VDC, 6.0 Amp, fire alarm NAC expander/power supply
with integral battery charger.
BAT-1270
Battery, 12 VDC, 7 AH (two required for 24 V operation).
BAT-12120
Battery, 12 VDC, 12 AH (two required for 24 V operation).
BAT-12180
Battery, 12 VDC, 18 AH (two required for 24 V operation).
BAT-12260
Battery, 12 VDC, 26 AH (two required for 24 V operation).
Specifications
Primary input power
120 VAC, 60 Hz, 3.0 A; or 220 V, 1.5 A;
jumper selectable.
Secondary power
24-volt operation: two 7 – 33 AH
batteries.
Battery charging capacity
Up to 33 AH batteries.
Battery space
Up to two 7 AH batteries maximum inside
FF6 cabinet. Larger batteries require a
separate battery cabinet.
Total output power
6.0 A maximum.
Standby current
75 mA.
Auxiliary power output
3.0 A maximum.
NAC output ratings
24 VDC fully regulated, 3.0 A maximum
per circuit (6.0 A total).
End-of-Line resistor
4.7 K ohm.
Common trouble relay
2.0 A/28 VDC or 120 VAC.
Input control circuit
9 – 32 VDC @ 5 mA minimum.
Temperature rating
32°F to 120°F (0°C to 49°C).
Relative humidity
85% maximum, noncondensing.
Dimensions
FF6 Cabinet: 16.0" H x 12.25" W x 3.0" D
(cm: 40.64 H x 30.88 W x 7.62 D).


同様の部品番号 - BAT-12180

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
BAT-12180 GAMEWELL-FCI-BAT-12180 Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
BAT-12180 GAMEWELL-FCI-BAT-12180 Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
More results

同様の説明 - BAT-12180

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
FF8 GAMEWELL-FCI-FF8 Datasheet
75Kb / 2P
   NAC Expander/Power Supply
FF9 GAMEWELL-FCI-FF9 Datasheet
141Kb / 2P
   NAC Expander/Power Supply
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
logo
Microsemi Corporation
TSC331 MICROSEMI-TSC331 Datasheet
433Kb / 1P
   Gate Expander
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
   Output Expander
logo
ADL Embedded Solutions
MSMSP104EX ADL-MSMSP104EX Datasheet
182Kb / 1P
   Unit Expander
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com