データシートサーチシステム |
|
OP07DD データシート(PDF) 5 Page - Texas Instruments |
|
|
OP07DD データシート(HTML) 5 Page - Texas Instruments |
5 / 7 page OP07C, OP07D, OP07Y PRECISION OPERATIONAL AMPLIFIERS SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC ± = ±15 V, TA = 25°C PARAMETER TEST OP07C OP07D UNIT PARAMETER CONDITIONS† MIN TYP MAX MIN TYP MAX UNIT f = 10 Hz 10.5 10.5 √ Vn Equivalent input noise voltage f = 100 Hz 10.2 10.3 nV/ √Hz f = 1 kHz 9.8 9.8 VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.38 0.38 µV f = 10 Hz 0.35 0.35 √ In Equivalent input noise current f = 100 Hz 0.15 0.15 pA/ √Hz f = 1 kHz 0.13 0.13 IN(PP) Peak-to-peak equivalent input noise current f = 0.1 Hz to 10 Hz 15 15 pA SR Slew rate RL ≥ 2 kΩ 0.3 0.3 V/ µs † All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted. electrical characteristics, VCC ± = ±15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS† OP07Y UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT VIO Input offset voltage RS = 50 Ω 60 150 µV Long-term drift of input offset voltage See Note 6 0.5 µV/mo Offset adjustment range RS = 20 kΩ, See Figure 1 ±4 mV IIO Input offset current 0.8 6 nA IIB Input bias current ±2 ±12 nA VICR Common-mode input voltage range ±13 ±14 V RL ≤ 10 kΩ ±12 ±13 VOM Peak output voltage RL ≤ 2 kΩ ±11.5 ±12.8 V RL ≤ 1 kΩ ±12 AVD Large signal differential voltage amplification VCC ± = ±3 V, VO = ±0.5 V, RL ≤ 500 kΩ 400 AVD Large-signal differential voltage amplification VO = ± 10 V, RL = 2 kΩ 120 400 B1 Unity-gain bandwidth 0.4 0.6 MHz ri Input resistance 7 31 M Ω CMRR Common-mode input resistance VIC = ± 13 V, RS = 50 Ω 94 110 dB kSVS Supply-voltage rejection ratio ( ∆VCC/∆VIO) VCC ± = ±3 V to ±18 V, RS = 50 Ω 7 32 µV/V PD Power dissipation VO = 0, No load 80 150 M Ω PD Power dissipation VCC ± = ±3 V, VO = 0, No load 4 8 M Ω NOTE 6: Since long-term drift cannot be measured on the individual devices prior to shipment, this specification is not intended to be a warranty. It is an engineering estimate of the averaged trend line of drift versus time over extended periods after the first thirty days of operation. |
同様の部品番号 - OP07DD |
|
同様の説明 - OP07DD |