データシートサーチシステム |
|
OP27AP データシート(PDF) 3 Page - Texas Instruments |
|
OP27AP データシート(HTML) 3 Page - Texas Instruments |
3 / 21 page OP27A, OP27C, OP27E, OP27G OP37A, OP37C, OP37E, OP37G LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994 2–3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) Supply voltage, VCC+ (see Note 1) 22 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC– (see Note 1) – 22 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI VCC± . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of output short circuit unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input current (see Note 2) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: OP27A, OP27C, OP37A, OP37C – 55 °C to 125°C . . . . . . . . . . . . . . . OP27E, OP27G, OP37E, OP37G – 25 °C to 85°C . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG or FK package 300 °C . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds : P package 260 °C . . . . . . . . . . . . . . . . . . . . NOTES: 1. All voltage values are with respect to the midpoint between VCC + and VCC – unless otherwise noted. 2. The inputs are protected by back-to-back diodes. Current-limiting resistors are not used in order to achieve low noise. Excessive input current will flow if a differential input voltage in excess of approximately ± 0.7 V is applied between the inputs unless some limiting resistance is used. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 85°C POWER RATING TA = 125°C POWER RATING JG FK P 1050 mW 1375 mW 1000 mW 8.4 mW/ °C 11.0 mW/ °C 8.0 mW/ °C 546 mW 715 mW 520 mW 210 mW 275 mW N/A |
同様の部品番号 - OP27AP |
|
同様の説明 - OP27AP |