データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCO-2000 データシート(PDF) 2 Page - Epson ToYoCom

部品番号 TCO-2000
部品情報  VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPSONTOYOCOM [Epson ToYoCom]
ホームページ  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

TCO-2000 データシート(HTML) 2 Page - Epson ToYoCom

  TCO-2000 Datasheet HTML 1Page - Epson ToYoCom TCO-2000 Datasheet HTML 2Page - Epson ToYoCom TCO-2000 Datasheet HTML 3Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.epsontoyocom.co.jp
Crystal
Crystal
Crystal
Crystal oscillator
oscillator
oscillator
oscillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Specifications
Remarks
Item
Symbol
TCO-2131
6pin, OE function
Output frequency range
fO
60.000 MHz to 700.000 MHz
Supply voltage
VCC
3.3 V
±0.165 V
Storage temperature range
T_stg
-45 °C to +90 °C
Store as bare product after unpacking
Operating temperature range
T_use
-40 °C to +85 °C
Frequency tolerance
f_tol
As per table 1
-40 °C to +85 °C
Current consumption
ICC
75 mA Max.
Frequency control range
f_cont
As per table 1
VC= 1.65 V
±1.65 V
Absolute pull range
APR
As per table 1
Input resistance
Rin
100 k
Ω Min.
DC level
Frequency change polarity
Positive slope
VC= 0 V to 3.3 V
Output load condition
LV-PECL
Start-up time
t_str
10 ms Max. *1.
Frequency aging
f_aging
As per table 1
+25 °C
Table 1. Frequency tolerance, Absolute pull range and aging (TCO-2100-xx)
xx
Frequency tolerance
Absolute pull range *4
(Frequency control range)
Aging
AA
±50 × 10-6 Min.
±100 × 10-6 Min.
AB
±50 × 10-6 Max. *2
±100 × 10-6 Min.
±150 × 10-6 Min.
1year
(First year)
BA
±50 × 10-6 Min.
±110 × 10-6 Min.
BB
±60 × 10-6 Max. *3
±100 × 10-6 Min.
±160 × 10-6 Min.
20 years
*1 Time at minimum supply voltage to be 0 s.
*2 This includes initial frequency tolerance, temperature variation, supply voltage variation and aging (+25
℃, 1 year).
*3 This includes initial frequency tolerance, temperature variation, supply voltage variation and aging (+25
℃, 20 years).
*4 Absolute pull range = Frequency control range - Frequency tolerance
External dimensions
(Unit:mm)
External dimensions
(Unit:mm)
OE terminal
●TCO-2000 series
●TCO-2101/2102/2103/2104
●TCO-2106/2107/2111/2112/2113/2114/2131
●TCO-2000 series
5.08
1.5±0.1
13.9±0.1
Index
Marking
Index
#6
#5
#4
#1
#2
#3
0.5
7.62
Solder Sealing
Pin map
CONNECTION
Pin
TCO-2106/2107
TCO-2110 series
TCO-2131
1
VC
2
OE
N.C.
OE
3
GND/case
4
OUT
OUT1(Positive)
5
N.C.
OUT2(Negative)
6
VCC
5.08
1.5±0.1
13.9±0.1
Index
Marking
Index
#6 #5
#4
#1
#2
#3
0.5
7.62
Solder Sealing
Pin map
Pin
CONNECTION
1
VC
2
N.C.
3
GND/case
4
OUT
5
N.C.
6
VCC
5.08
1.5±0.1
13.9±0.1
Index
Marking
Index
#4
#1
#2
#3
0.5
7.62
Solder Sealing
Pin map
Pin
CONNECTION
1
VC
2
GND/case
3
OUT
4
VCC
●TCO-2100 series
5.08
1.27
5.08
1.27
●TCO-2106 / 2107
●TCO-2131
OE pin = "H" or "open" : Specified frequency output.
OE pin = "L" : Output is high impedance, oscillation stops.
OE pin = "L" or "open" : Specified frequency output.
OE pin = "H" : Output is high impedance, oscillation stops.


同様の部品番号 - TCO-2000

メーカー部品番号データシート部品情報
logo
Epson ToYoCom
TCO-2152 EPSONTOYOCOM-TCO-2152 Datasheet
323Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
TCO-291J ETC-TCO-291J Datasheet
104Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
TCO-294J ETC1-TCO-294J Datasheet
132Kb / 1P
   Voltage Controlled Crystal Oscillator(VCXO)
logo
Epson ToYoCom
TCO-294J EPSONTOYOCOM-TCO-294J Datasheet
330Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
More results

同様の説明 - TCO-2000

メーカー部品番号データシート部品情報
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com