データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS883E1 データシート(PDF) 1 Page - High Voltage Power Solutions, Inc.

部品番号 CS883E1
部品情報  MOV Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HVPSI [High Voltage Power Solutions, Inc.]
ホームページ  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS883E1 データシート(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS883E1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS883E1 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20mm MOV Assemblies
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
TRANSIENT
VARISTOR
VOLTAGE
(@ 1 mA DC)
P/N
MOVS
PER
ASSY
CONTINU-
UOUS
AC LINE
VOLTAGE
ENERGY
(10 x
1000µs)
PEAK
CURRENT
(8 x 20 µs)
MAXIMUM
POWER
DISSIPATION
RATING (Pm)
MIN
MAX
MAXIMUM
CLAMPING
VOLTAGE @
TEST
CURRENT
(8 x 20 µs)
TYPICAL
CAPACI-
TANCE
(@ 1 kHz)
VOLTS
JOULES
AMP
Pm – WATTS
VOLTS
VOLTS
VOLTS
AMP
pF
CS811
1
120
65
6500
1.0
170
207
320
100
2500
CS821
1
240
130
6500
1.0
354
432
650
100
920
CS831
3
240
130
6500
1.0
354
432
650
100
920
CS841
3
480
180
6500
1.0
679
829
1240
100
800
CS851
3
575
220
6500
1.0
621
1002
1500
100
670
CS861
4
240
130
6500
2.0
340
414
640
100
1250
CS871
4
480
260
6500
2.0
708
864
1300
100
460
CS881
4
575
300
6500
2.0
850
1036
1580
100
365
Note: Values shown above represent typical line-to-line or line-to-ground characteristics based on the ratings of the original
MOVs. Values may differ slightly depending upon actual Manufacturer Specifications of MOVs installed in modules.
Modules are manufactured utilizing UL-Listed and Recognized Components. Consult factory for CSA information.
MOV MODULES
PART NUMBER GUIDE
CS8 X X X X
HVPSI MOV MODULE
TERMINATION
1 – 12” WIRE LEAD
SUPPLY VOLTAGE
2 – THREADED POST
1 – 1
ø, 1 MOV, 120V
3 – 1/4" MALE QUICK DISC.
2 – 1
ø, 1 MOV, 240V
4 – SCREW TERMINAL
3 – 3
ø, 3 MOV, 240V
4 – 3
ø, 3 MOV, 480V
MOV DIA.
CASE
5 – 3
ø, 3 MOV, 575V
1 – 20mm
A – SINGLE FOOT
6 – 3
ø, 4 MOV, 240V
2 – 14mm
B – DOUBLE FOOT
7 – 3
ø, 4 MOV, 480V
3 – 10mm
C – CENTER MOUNT
8 – 3
ø, 4 MOV, 575V
4 – 7mm
D – DEEP CASE
E – SMALL DOUBLE FOOT
Rev 1, May 2002
MOV Modules
CS800-Series


同様の部品番号 - CS883E1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS8818 ETC2-CS8818 Datasheet
110Kb / 2P
   General Purpose USB2.0-to-ATAPI Bridge Controller with Embedded PHY
logo
Hammond Manufacturing L...
CS884 HAMMOND-CS884 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS886 HAMMOND-CS886 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
List of Unclassifed Man...
CS888026 ETC-CS888026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS888060 ETC-CS888060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

同様の説明 - CS883E1

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com