データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4942 データシート(PDF) 1 Page - MIC GROUP RECTIFIERS

部品番号 1N4942
部品情報  FAST RECOVER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIC [MIC GROUP RECTIFIERS]
ホームページ  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4942 データシート(HTML) 1 Page - MIC GROUP RECTIFIERS

  1N4942 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4942 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
200 to 1000 Volts
1N4942 THRU 1N4948
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.012 ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
1N
4942
1N
4944
1N
4946
1N
4947
1N
4948
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
1.3
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
100
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
RθJA
50
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=0.5A,Ir=1.0A,Irr=0.25A
Dimensions in inches and (millimeters)
DIA.
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
.205(5.2)
.160(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DO-41


同様の部品番号 - 1N4942

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4942 PANJIT-1N4942 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Microdiode Electronics ...
1N4942 CHENDA-1N4942 Datasheet
590Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N4942 NJSEMI-1N4942 Datasheet
110Kb / 1P
   DO-41
logo
Transys Electronics
1N4942 TRSYS-1N4942 Datasheet
162Kb / 3P
   FAST SWITCHING PLASTIC RECTIFIER
More results

同様の説明 - 1N4942

メーカー部品番号データシート部品情報
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR151 MIC-FR151 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
BY296 MIC-BY296 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY296 PFS-BY296 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR251 MIC-FR251 Datasheet
49Kb / 2P
   FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
   FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
1N4933 MIC-1N4933 Datasheet
47Kb / 2P
   FAST RECOVER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com