データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM40DE-18 データシート(PDF) 5 Page - Pletronics, Inc.

部品番号 SM40DE-18
部品情報  SM40 Series Miniature SMD Crystal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM40DE-18 データシート(HTML) 5 Page - Pletronics, Inc.

  SM40DE-18 Datasheet HTML 1Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 2Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 3Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 4Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 5Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 6Page - Pletronics, Inc. SM40DE-18 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SM40 Series
Miniature SMD Crystal
January 2009
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.189 max
4.8 max
B
0.512 max
13.0 max
C
0.165 max
4.2 max
D
1
0.051
1.3
E
1
0.303
7.7
Not to Scale
1 Typical dimensions
F
1
0.047
1.2
Contacts : Matte Tin (Sn)
-or-
Tin over Copper (SnCu) or SAC (SnAgCu)
Inches
mm
A
1
0.197 max
5.0 max
A
2
0.181
4.6
B
0.516 max
13.1 max
C
0.165 max
4.2 max
D
1
1
0.063
1.6
D
2
1
0.118
3.0
E
1
0.280
7.1
Not to Scale
1 Typical dimensions
F
1
0.039
1.0
Contacts : Matte Tin (Sn)
-or- Tin over Copper (SnCu) or SAC (SnAgCu)
Connection (bottom view) Pin 2 & 3 connected to metal case:
Layout and application information
Trace lengths to the crystal should be kept as short as possible.
The crystal connections are sensitive to noise.
The package should be grounded for optimum performance.


同様の部品番号 - SM40DE-18

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM40 SEMTECH-SM40 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SM4001 DAESAN-SM4001 Datasheet
216Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Formosa MS
SM4001 FORMOSA-SM4001 Datasheet
105Kb / 2P
   Glass passivated type
logo
Nantong Hornby Electron...
SM4001 HORNBY-SM4001 Datasheet
253Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

同様の説明 - SM40DE-18

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM45-18 PLETRONICS-SM45-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM42-18 PLETRONICS-SM42-18 Datasheet
157Kb / 7P
   Miniature SMD Crystal
SM12T-18 PLETRONICS-SM12T-18 Datasheet
155Kb / 7P
   SM12T Series Miniature SMD Crystal
SM13TS-18 PLETRONICS-SM13TS-18 Datasheet
162Kb / 7P
   SM13T Series Miniature SMD Crystal
SM11T-18 PLETRONICS-SM11T-18 Datasheet
154Kb / 7P
   SM11T Series Miniature SMD Crystal
SM12T2-18 PLETRONICS-SM12T2-18 Datasheet
151Kb / 6P
   SM12T2 Series Miniature SMD Crystal
SM8T-8 PLETRONICS-SM8T-8 Datasheet
97Kb / 6P
   SM8T Series Miniature SMD Crystal
SM10T-18 PLETRONICS-SM10T-18 Datasheet
98Kb / 6P
   SM10T Series Miniature SMD Crystal
SM9T-8 PLETRONICS-SM9T-8 Datasheet
98Kb / 6P
   SM9T Series Miniature SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com