データシートサーチシステム |
|
SM42E-18 データシート(PDF) 5 Page - Pletronics, Inc. |
|
SM42E-18 データシート(HTML) 5 Page - Pletronics, Inc. |
5 / 7 page SM25 / SM30 / SM42 Series Miniature SMD Crystal March 2008 www.pletronics.com 425-776-1880 5 Mechanical: Inches mm A 0.457 max 11.60 max B 0.414 max 10.50 max C 0.532 max 13.50 max D 0.192 ± 0.008 4.88 ± 0.20 E 0.012 ± 0.004 0.30 ± 0.10 F 0.030 ± 0.008 0.75 ± 0.20 G 0.197 max 5.00 max H 0.145 max 3.68 max I 0.040 max 1.00 max J 0.197 max 5.00 max Contacts (3 types of lead plating used): K1 0.016 0.40 Matte Tin (Sn) L SM42 0.182 max 4.60 max Tin over Copper (SnCu) L SM30 0.138 max 3.50 max SAC (SnAgCu) Not to Scale L SM25 0.114 max 2.90 max 1 Typical dimensions Layout and application information • Trace lengths to the crystal should be kept as short as possible. • The crystal connections are sensitive to noise. • Cload may need to be determined experimentally on the actual PCB. |
同様の部品番号 - SM42E-18 |
|
同様の説明 - SM42E-18 |