データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM7644HEV データシート(PDF) 6 Page - Pletronics, Inc.

部品番号 SM7644HEV
部品情報  3.3 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644HEV データシート(HTML) 6 Page - Pletronics, Inc.

  SM7644HEV Datasheet HTML 1Page - Pletronics, Inc. SM7644HEV Datasheet HTML 2Page - Pletronics, Inc. SM7644HEV Datasheet HTML 3Page - Pletronics, Inc. SM7644HEV Datasheet HTML 4Page - Pletronics, Inc. SM7644HEV Datasheet HTML 5Page - Pletronics, Inc. SM7644HEV Datasheet HTML 6Page - Pletronics, Inc. SM7644HEV Datasheet HTML 7Page - Pletronics, Inc. SM7644HEV Datasheet HTML 8Page - Pletronics, Inc. SM7644HEV Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SM76H Series 3.3 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
Label:
Laser marked on the ceramic
package metal cover
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 μinch (0.5 μm)
Pin 3 Ground plane is typical
Not to scale
1 Typical dimension
A
0.324 +_0.003
8.23 +_0.07
B
0.356 +_0.005
9.04 +_0.13
C
0.135 +_0.005
3.43 +_0.13
D1
0.062
1.57
E1
0.050
1.27
F1
0.050
1.27
G1
0.059
1.50
H1
0.020
0.51
J1
0.040
1.02
K1
0.200
5.08
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


同様の部品番号 - SM7644HEV

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM7644HE PLETRONICS-SM7644HE Datasheet
202Kb / 1P
   CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V)
SM7644HEW PLETRONICS-SM7644HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

同様の説明 - SM7644HEV

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com