データシートサーチシステム |
|
SN74ABT16245A データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT16245A データシート(HTML) 1 Page - Texas Instruments |
1 / 13 page www.ti.com FEATURES SN54ABT16245A . . . WD PACKAGE SN74ABT16245A . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1DIR 1B1 1B2 GND 1B3 1B4 VCC 1B5 1B6 GND 1B7 1B8 2B1 2B2 GND 2B3 2B4 VCC 2B5 2B6 GND 2B7 2B8 2DIR 1OE 1A1 1A2 GND 1A3 1A4 VCC 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCC 2A5 2A6 GND 2A7 2A8 2OE DESCRIPTION SN54ABT16245A, SN74ABT16245A 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS300G – MARCH 1994 – REVISED JANUARY 2006 • Members of the Texas Instruments Widebus™ Family • State-of-the-Art EPIC-IIB™ BiCMOS Design Significantly Reduces Power Dissipation • Typical VOLP (Output Ground Bounce) <1 V at VCC = 5 V, TA = 25°C • High-Impedance State During Power Up and Power Down • Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise • Flow-Through Architecture Optimizes PCB Layout • High-Drive Outputs (–32-mA IOH, 64-mA IOL) • Latch-Up Performance Exceeds 500 mA Per JESD 70 • ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) • Package Options Includes Plastic Thin Very Small-Outline (DGV), Shrink Small-Outline (DL), and Thin Shrink Small-Outline (DGG) Packages and 380-mil Fine-Pitch Ceramic (WD) Flat Package Using 25-mil Center-to-Center Spacings The 'ABT16245A devices are 16-bit noninverting 3-state transceivers designed for synchronous two-way communication between data buses. The control-function implementation minimizes external timing requirements. These devices can be used as two 8-bit transceviers or one 16-bit transceiver. They allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated. When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down. However, to ensure the high-impendance state above 2.1 V, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT16245A is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16245A is characterized for operation from –40 °C to 85°C. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus, EPIC-IIB are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1994–2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas On products compliant to MIL-PRF-38535, all parameters are Instruments standard warranty. Production processing does not tested unless otherwise noted. On all other products, production necessarily include testing of all parameters. processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN74ABT16245A |
|
同様の説明 - SN74ABT16245A |