データシートサーチシステム |
|
SN74ABT162827ADGV データシート(PDF) 5 Page - Texas Instruments |
|
SN74ABT162827ADGV データシート(HTML) 5 Page - Texas Instruments |
5 / 11 page SN54ABT162827A, SN74ABT162827A 20BIT BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS248F − JULY 1993 − REVISED JUNE 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C SN54ABT162827A SN74ABT162827A UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y 1 2.1 3.6 1 4.1 1 3.9 ns tPHL A Y 1.1 2.8 4.2 1.1 5 1.1 4.7 ns tPZH OE Y 1.5 3.4 6.3 1.5 7.2 1.5 6.9 ns tPZL OE Y 1.6 3.5 5.3 1.6 6.6 1.6 6.3 ns tPHZ OE Y 2.1 4.1 6.5 2.1 6.8 2.1 6.6 ns tPLZ OE Y 1.5 3.5 5.9 1.5 7.3 1.5 6.3 ns PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
同様の部品番号 - SN74ABT162827ADGV |
|
同様の説明 - SN74ABT162827ADGV |