データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D030505M-1W データシート(PDF) 2 Page - MORNSUN Science& Technology Ltd.

部品番号 D030505M-1W
部品情報  TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D030505M-1W データシート(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  D030505M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D030505M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. D030505M-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
D_M-1W
A/0-2009
Page 2 of 2
OUTPUT SPECIFICATIONS
TYPICAL CHARACTERISTICS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±1.5
10% to 100% load (3.3V output)
15
20
Load regulation
10% to 100% load(5V output)
12.8
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
75
100
mVp-p
Switching frequency
Full load, nominal input
130
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Operating Temp.( C)
o
APPLICATION NOTE
RECOMMENDED CIRCUIT
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our company
’s
products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output ripple, an
“LC” filtering network may be
connected to the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency to avoid mutual interference. However, the
capacitance of the output filter capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output, provided the safe and reliable
operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection
is a linear voltage regulator with overheat protection that is connected to the input or output
end in series (Figure 2).
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection
against overload. The simplest method is to connect a self-recovery fuse in series at the
input end or add a circuit breaker to the circuit.
No parallel connection or plug and play
Vin
GND
+Vo1
0V1
DC
C
L
DC
C
+Vo2
0V2
L
C
L
(Figure 1)
Vin
GND
REG
Vin
GND
REG
+Vo1
0V1
+Vo1
0V1
DC
DC
DC
DC
+Vo2
0V2
REG
+Vo2
0V2
(Figure 2)
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin(VDC)
Cin(uF)
Cout(uF)
Vout(VDC)
3.3/5
4.7
3.3/5
4.7
It
’s not recommended to connect any external
capacitor in the application field with less than 0.5
watt output.


同様の部品番号 - D030505M-1W

メーカー部品番号データシート部品情報
logo
Microdc power Technolog...
D030505XM-1W MICRODC-D030505XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results

同様の説明 - D030505M-1W

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com