データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB10-10A05 データシート(PDF) 7 Page - MORNSUN Science& Technology Ltd.

部品番号 LB10-10A05
部品情報  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10A05 データシート(HTML) 7 Page - MORNSUN Science& Technology Ltd.

Back Button LB10-10A05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For multi-output converters, the main output is typically a fully regulated output.
If the end
application requires critical regulation on the auxiliary output(s), a linear regulator or other
regular should be added after the converter.
(Note: Some MORNSUN converters have built in
linear regulators; please contact our Technical Department for details).
3. AC-DC Converter Safety Related Design Notes
3.1 Marking Requirements
Wherever, there are fuses, protective grounds, or
switches, clear symbols should be indicated
according safety standards. Touchable dangerous high voltage and energy sources should be
marked with
“Caution!” indications.
3.2 Input Cable Requirements:
Input cables of L, N and E should be brown, blue and yellow/green cables, respectively.
Ensure that the ground cable (yellow & green cable) of Type I devices (those that rely on
basic insulation and protection ground to avoid electric shock) are securely connected to the
ground, and the earth resistance is lower than 0.1Ω
3.3 Clearance and Creepage
For Type I devices, ensure:
♦ L and N are in front of the fuse.
♦ The clearance distance between the input and the metal case is above 2mm and
creepage is above 2.5mm.
For Type II devices (those that rely on strengthened insulation or double insulation to avoid
electric shock) ensure:
♦ L and N are in front of the fuse
♦ The clearance distance between the input and the metal case is above 2mm and
creepage is above 2.5mm.
♦ The clearance between the input and the metal case or SELV is above 4mm, and
creepage of that is above 5mm.
3.4 Input energy
If the input capacitor is large, a discharge resistor may be added to ensure that, after
disconnect, the voltage held between Input L, N, and the protective ground will be discharged to
37% of its maximum value or below.
In Figure 2, R1 is the discharge resistor.
4. Heat Dissipation in AC/DC Converter Module Applications
Trends toward higher density in AC/DC module designs make heat dissipation an important
concern.
The effect of heat on the electrolytic capacitor is of particular concern, as the life of
such capacitors can be drastically reduced when operated in a constant high temperature
environment, leading to a higher potential for failure. Proper handling of heat will increase the
life of the converter and surrounding components, thus lowering risk of failures. Some


同様の部品番号 - LB10-10A05

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

同様の説明 - LB10-10A05

メーカー部品番号データシート部品情報
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com