データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA22 データシート(PDF) 3 Page - MIC GROUP RECTIFIERS

部品番号 SMA22
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIC [MIC GROUP RECTIFIERS]
ホームページ  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMA22 データシート(HTML) 3 Page - MIC GROUP RECTIFIERS

  SMA22 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMA5.0 THRU SMA170CA
Peak Pulse Power
300 Watts
Electrical Characteristic (TA =25℃ unless otherwise noted)
Device
Marking Code
(Note 4)
Breakdown Voltage
V(BR) (Volts) at Test Current IT
(Note 1&2)
Device
Type
UNI VA
BI
MIN
MAX
IT(mA)
Working
Peak
Reverse
Voltage
VWM (Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note 3)
Maximum
Peak Pulse
Surge Current
IPPM*
(Amps)
Maximum
Clamping
Voltage at
IPPM*
VC (Volts)
SMA36
36V
36VC
40
48.6
1
36.0
5
4.7
64.3
SMA36A
36 VA
36 VCA
40
44.2
1
36.0
5
5.2
58.1
SMA40
40V
40 VC
44.4
54.3
1
40.0
5
4.2
71.4
SMA40A
40 VA
40 VCA
44.4
49.1
1
40.0
5
4.7
64.5
SMA43
43V
43 VC
47.8
58.4
1
43.0
5
3.9
76.7
SMA43A
43 VA
43 VCA
47.8
52.8
1
43.0
5
4.3
69.4
SMA45
45V
45 VC
50
61.1
1
43.0
5
3.7
80.3
SMA45A
45 VA
45 VCA
50
55.3
1
45.0
5
4.1
72.7
SMA48
48V
48 VC
53.3
65.1
1
48.0
5
3.5
85.5
SMA48A
48 VA
48 VCA
53.3
58.9
1
48.0
5
3.6
77.4
SMA51
51V
51 VC
56.7
69.3
1
51.0
5
3.3
91.1
SMA51A
51 VA
51 VCA
56.7
62.7
1
51.0
5
3.6
82.4
SMA54
54V
54 VC
60
73.3
1
54.0
5
3.1
96.3
SMA54A
54 VA
54 VCA
60
66.3
1
54.0
5
3.4
87.1
SMA58
58V
58 VC
64.4
78.7
1
58.0
5
2.9
103
SMA58A
58 VA
58 VCA
64.4
71.2
1
58.0
5
3.2
93.6
SMA60
60V
60 VC
66.7
81.5
1
60.0
5
2.8
107
SMA60A
60 VA
60 VCA
66.7
73.7
1
60.0
5
3.1
96.8
SMA64
64V
64 VC
71.1
86.4
1
64.0
5
2.6
114
SMA64A
64 VA
64 VCA
71.1
78.6
1
64.0
5
2.9
103
SMA70
70V
70 VC
77.8
95.1
1
70.0
5
2.4
125
SMA70A
70 VA
70 VCA
77.8
86
1
70.0
5
2.7
113
SMA75
75V
75 VC
83.3
102
1
75.0
5
2.2
134
SMA75A
75 VA
75 VCA
83.3
92.1
1
75.0
5
2.5
121
SMA78
78V
78 VC
86.7
106
1
78.0
5
2.2
139
SMA78A
78 VA
78 VCA
86.7
95.8
1
78.0
5
2.4
126
SMA85
85V
85 VC
94.4
115
1
85.0
5
2
151
SMA85A
85 VA
85 VCA
94.4
104
1
85.0
5
2.2
137
SMA90
90V
90 VC
100
122
1
90.0
5
1.9
160
SMA90A
90 VA
90 VCA
100
111
1
90.0
5
2.1
146
SMA100
100V
100 VC
111
136
1
100.0
5
1.7
179
SMA100A
100 VA
100 VCA
111
123
1
100.0
5
1.9
162
SMA110
110V
110 VC
122
149
1
110.0
5
1.5
196
SMA110A
110 VA
110 VCA
122
135
1
110.0
5
1.7
177
SMA120
120V
120 VC
133
163
1
120.0
5
1.4
214
SMA120A
120 VA
120 VCA
133
157
1
120.0
5
1.6
193
SMA130
130V
130 VC
144
176
1
130.0
5
1.3
231
SMA130A
130 VA
130 VCA
144
159
1
130.0
5
1.4
209
SMA150
150V
150 VC
167
204
1
150.0
5
1.1
268
SMA150A
150 VA
150 VCA
167
185
1
150.0
5
1.2
243
SMA160
160V
160 VC
178
218
1
160.0
5
1
287
SMA160A
160 VA
160 VCA
178
197
1
160.0
5
1.2
259
SMA170
170V
170 VC
189
231
1
170.0
5
0.99
304
SMA170A
170VA
170VCA
189
209
1
170.0
5
1.09
275
Notes:
(1)
Suffix A denotes 5% tolerance device, no suffix A denotes 10% tolerance device
(2)
V(BR) measured after IT applied for 300μs IT=square wave pulse or equivalent
(3)
For bidirectional type having VWM of 10 volts and less, the ID limit is doubled
(4)
For bidirectional use C or CA suffixs for all types, electrical characteris apply in both directions


同様の部品番号 - SMA22

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
SMA22 LITEON-SMA22 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Gulf Semiconductor
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
SUNMATE electronic Co.,...
SMA22 SUNMATE-SMA22 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA220 SUNMATE-SMA220 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA220A SUNMATE-SMA220A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

同様の説明 - SMA22

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com