データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT843DBRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74ABT843DBRE4
部品情報  9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT843DBRE4 データシート(HTML) 1 Page - Texas Instruments

  SN74ABT843DBRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT843DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ABT843, SN74ABT843
9-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS197D – FEBRUARY 1991 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, Ceramic Chip
Carriers (FK), Ceramic Flat (W) Package,
and Plastic (NT) and Ceramic (JT) DIPs
description
The
’ABT843
9-bit
latches
are
designed
specifically for driving highly capacitive or
relatively
low-impedance
loads.
They
are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The nine transparent D-type latches provide true
data at the outputs.
A buffered output-enable (OE) input can be used
to place the nine outputs in either a normal logic
state
(high
or
low
logic
levels)
or
a
high-impedance state. The outputs are also in the
high-impedance state during power-up and
power-down conditions. The outputs remain in the
high-impedance state while the device is powered
down. In the high-impedance state, the outputs
neither load nor drive the bus lines significantly.
The high-impedance state and increased drive
provide the capability to drive bus lines without
need for interface or pullup components.
OE does not affect the internal operations of the latch. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT843 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74ABT843 is characterized for operation from –40
°C to 85°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54ABT843 . . . JT OR W PACKAGE
SN74ABT843 . . . DB, DW, OR NT PACKAGE
(TOP VIEW)
SN54ABT843 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
CLR
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
PRE
LE
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
3Q
4Q
5Q
NC
6Q
7Q
8Q
3D
4D
5D
NC
6D
7D
8D
426
14 15 16 17 18
NC – No internal connection


同様の部品番号 - SN74ABT843DBRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT843DBR TI1-SN74ABT843DBR Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT843DBRG4 TI1-SN74ABT843DBRG4 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT843DBRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com