データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0808S250 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 ADC0808S250
部品情報  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0808S250 データシート(HTML) 7 Page - NXP Semiconductors

Back Button ADC0808S250 Datasheet HTML 3Page - NXP Semiconductors ADC0808S250 Datasheet HTML 4Page - NXP Semiconductors ADC0808S250 Datasheet HTML 5Page - NXP Semiconductors ADC0808S250 Datasheet HTML 6Page - NXP Semiconductors ADC0808S250 Datasheet HTML 7Page - NXP Semiconductors ADC0808S250 Datasheet HTML 8Page - NXP Semiconductors ADC0808S250 Datasheet HTML 9Page - NXP Semiconductors ADC0808S250 Datasheet HTML 10Page - NXP Semiconductors ADC0808S250 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADC0808S125_ADC0808S250_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2009
7 of 23
NXP Semiconductors
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
7.3 Timing output
7.4 Timing complete conversion signal
The ADC0808S generates an adjustable clock output signal on pin CCS called Complete
Conversion Signal, which can be used to control the acquisition of converted output data
to the digital circuit connected to the ADC0808S output data bus.
Two logic input pins DEL0 and DEL1 control the delay of the edge of the CCS signal to
achieve an optimal position in the stable, usable zone of the data as shown in Figure 6.
Pin CCSSEL selects the CCS frequency; see Table 8.
Fig 5.
Output timing diagram (CCS not selected)
IN, INN
CLK+, CLK
n
D0 to D7
50 %
data
n
− 2n − 1
data
data
data
n
+ 1
n
td(o)
td(s)
th(o)
001aab892
sample
n
sample
n
+ 1
sample
n
+ 2
sample
n
+ 3
sample
n
+ 4
Table 7.
Complete conversion signal selection
Pin DEL0
Pin DEL1
Pin CCS
LOW
LOW
high-impedance
HIGH
LOW
active; see Table 13
LOW
HIGH
HIGH
HIGH
Table 8.
Complete conversion signal frequency selection
Pin CCSSEL
CCS frequency (fCCS)
HIGH or not connected
fclk
LOW
fclk / 2


同様の部品番号 - ADC0808S250

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC0808S250 NXP-ADC0808S250 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S250 NXP-ADC0808S250 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S250 IDT-ADC0808S250 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S250HW-C1 IDT-ADC0808S250HW-C1 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
More results

同様の説明 - ADC0808S250

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com