データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-305-1 データシート(PDF) 6 Page - Murata Power Solutions Inc.

部品番号 ADC-305-1
部品情報  8-Bit, 20MHz CMOS A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-305-1 データシート(HTML) 6 Page - Murata Power Solutions Inc.

  ADC-305-1 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ORDERING INFORMATION
MODEL NUMBER
PACKAGE
ADC-305-1
24-Pin Plastic DIP 400 mil
ADC-305-3
24-Pin Plastic SOP 300 mil
ADC-305-1
24-Pin DIP (Plastic)
400mil 2.0g
ADC-305-1
1
13
12
24
1.195 ±0.010
(30.35 .±0.25)
0.020 ±0.004
(0.50 ±0.10)
0.100 TYP.
(2.54)
0.047 ±0.006
(1.20 ±0.15)
0.152 ±0.010
(3.85 ±0.25)
0.118 MIN.
(3.00 MIN.)
0° to 15°
0.011 ±0.003
(0.28 ±0.08)
0.339 ±0.008
(8.60 ±0.20)
0.400
(10.16)
SEATING
PLANE
0.020 MIN.
(0.50 MIN.)
ADC-305-3
24-Pin SOP (Plastic)
300mil 0.3g
ADC-305-3
1
13
12
24
0.018 ± 0.004
(0.45 ± 0.10)
0.078 ±0.011
(1.97 ±0.28)
0.213 ±0.008
(5.40 ±0.20)
0.272
(6.90)
0.009 ±0.003
(0.23 ±0.08)
0.050 TYP.
(1.27)
0.020 ±0.008
(0.50 ±0.20)
0.596 ±0.010
(15.15 ±0.25)
0.007 ±0.005
(0.18 ±0.13)
0.307 ±0.012
(7.80 ±0.30)
ADC-305
8-Bit, 20MHz CMOS A/D Converters
MDA_ADC-305.B01 Page 6 of 6
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
12/30/08


同様の部品番号 - ADC-305-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-305-1 ETC-ADC-305-1 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
More results

同様の説明 - ADC-305-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Maxim Integrated Produc...
MX7225 MAXIM-MX7225 Datasheet
460Kb / 12P
   CMOS Quad 8-Bit D/A Converters
Rev 1; 4/93
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com