データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8025 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA8025
部品情報  IC card interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8025 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA8025 Datasheet HTML 3Page - NXP Semiconductors TDA8025 Datasheet HTML 4Page - NXP Semiconductors TDA8025 Datasheet HTML 5Page - NXP Semiconductors TDA8025 Datasheet HTML 6Page - NXP Semiconductors TDA8025 Datasheet HTML 7Page - NXP Semiconductors TDA8025 Datasheet HTML 8Page - NXP Semiconductors TDA8025 Datasheet HTML 9Page - NXP Semiconductors TDA8025 Datasheet HTML 10Page - NXP Semiconductors TDA8025 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
7 of 38
NXP Semiconductors
TDA8025
IC card interface
8.
Functional description
Remark: Throughout this document the ISO7816 terminology conventions have been
adhered to and it is assumed that the reader is familiar with these.
8.1 Power supplies
Two supply selections can be made using pin CONFIG (see Figure 3) depending on the
active state of the pin:
pin CONFIG is LOW: supply is pin VDDI(REG). The voltage range of the pin is between
3.6 V and 5.5 V. The regulator output range is between 3 V and 3.6 V.
pin CONFIG is HIGH: supply pins VDDI(REG) and VDD(INTREGD) are connected together
to bypass the regulator. Pin VDDI(REG) voltage is between 3 V and 3.6 V.
Remark: VDD(INTF) must not exceed VDD(INTREGD) + 0.3 V.
The following examples illustrate the voltage restrictions for VDD(INTF).
CONFIG pin driven to GND: when VDD(INTREGD) is generated by the internal regulator,
VDD(INTF) must not exceed 3.3 V.
CONFIG pin is driven by VDDI(REG) without VDD(INTF) tied to VDDI(REG) while
VDD(INTREGD) is tied to VDDI(REG): VDD(INTF) must not exceed VDDI(REG) + 0.3 V.
CONFIG pin is driven by VDDI(REG) with VDD(INTF) tied to both VDDI(REG) and
VDD(INTREGD): there no are restrictions for VDD(INTF).
The TDA8025 is held in the reset state until VDD(INTREGD) reaches Vth +Vhys and
PORADJ Vth +Vhys plus the tw(POR) delay. If the VDD(INTREGD) and PORADJ signals fall
below Vth, an automatic contact deactivation is triggered.
All interface signals to the microcontroller are referenced to VDD(INTF). In addition, all card
contacts remain inactive during power-up and power-down cycles.
3.6V<VDDI(REG) <5.5 V
3V<VDD(INTREGD) < 3.6 V
Fig 3.
Power strategy
001aai959
470 nF
100 nF
10
µF
10
µF
220 nF
REGULATOR
INTERNAL
REFERENCE
VOLTAGE
SENSE
SUPPLY
VCC
LOOP
18
21
16
20
19
VDDI(REG)
CONFIG
GND
VDD(INTREGD)
VCC
14 CGND
001aai960
470 nF
100 nF
10
µF
220 nF
REGULATOR
INTERNAL
REFERENCE
VOLTAGE
SENSE
SUPPLY
VCC
LOOP
18
21
16
20
19
VDDI(REG)
CONFIG
GND
VDD(INTREGD)
VCC
14 CGND


同様の部品番号 - TDA8025

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8025HN NXP-TDA8025HN Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
More results

同様の説明 - TDA8025

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com