データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NHP-300 データシート(PDF) 1 Page - Mini-Circuits

部品番号 NHP-300
部品情報  High Pass Filter 50廓 290 to 3000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NHP-300 データシート(HTML) 1 Page - Mini-Circuits

  NHP-300 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Outline Drawing
Maximum Ratings
Outline Dimensions (
)
inch
mm
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• labuse
• transmitters/receivers
• radiocommunications
NHP-300+
NHP-300
REV. B
M108326
NHP-300
081209
50
290 to 3000 MHz
CASE STYLE: FF57
Connectors Model
Price
Qty.
N-Type
NHP-300(+)
$39.95 ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss>40dB)
(loss>20dB)
(loss3dB)
(loss<1.5dB)
Stopband
Typ.
Passband
Typ.
DC-145
145-190
245
290-3000
17
1.7
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• ruggedshieldedcase
• otherstandardandcustomNHPmodelsavailable
withwideselectionoffco
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
40
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
Typical Performance Data
10.00
70.05
4.53
0.11
100.00
1.52
100.00
67.77
0.48
0.08
125.00
1.84
125.00
56.38
0.52
0.14
150.00
2.14
150.00
45.47
0.61
0.17
159.00
2.24
159.00
41.59
0.66
0.17
160.00
2.25
160.00
41.15
0.66
0.18
161.00
2.24
162.00
40.29
0.67
0.18
162.00
2.25
163.00
39.86
0.67
0.18
163.00
2.28
164.00
39.43
0.67
0.18
164.00
2.29
170.00
36.88
0.71
0.19
170.00
2.45
180.00
32.65
0.77
0.21
180.00
2.69
190.00
28.46
0.84
0.26
190.00
2.94
200.00
24.28
0.90
0.33
200.00
3.32
210.00
20.10
0.98
0.44
210.00
3.84
220.00
15.91
1.05
0.61
220.00
4.59
225.00
13.82
1.08
0.75
225.00
5.09
230.00
11.75
1.10
0.96
230.00
5.69
231.00
11.35
1.11
1.01
231.00
5.81
232.00
10.94
1.11
1.07
232.00
5.94
233.00
10.53
1.11
1.13
233.00
6.08
234.00
10.13
1.10
1.20
234.00
6.22
235.00
9.74
1.10
1.27
235.00
6.36
236.00
9.34
1.10
1.35
236.00
6.50
250.00
4.46
0.85
3.58
250.00
8.29
300.00
0.49
0.02
23.84
300.00
4.35
400.00
0.32
0.03
32.34
400.00
2.02
500.00
0.27
0.03
27.26
500.00
1.31
1000.00
0.26
0.01
23.11
1000.00
0.52
2000.00
0.35
0.01
34.07
2000.00
0.35
3000.00
0.50
0.01
22.01
3000.00
0.33
B
D
E
wt
.67
2.90
.82 grams
17.02 73.66 20.83
90.0


同様の部品番号 - NHP-300

メーカー部品番号データシート部品情報
logo
Mini-Circuits
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
NHP-100++ MINI-NHP-100+ Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
NHP-1000 MINI-NHP-1000 Datasheet
147Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
NHP-1000++ MINI-NHP-1000+ Datasheet
147Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
NHP-150 MINI-NHP-150 Datasheet
100Kb / 1P
   High Pass Filter 50廓 133 to 1000 MHz
More results

同様の説明 - NHP-300

メーカー部品番号データシート部品情報
logo
Mini-Circuits
SHP-300 MINI-SHP-300 Datasheet
131Kb / 1P
   High Pass Filter 50廓 290 to 3000 MHz
BHP-300 MINI-BHP-300 Datasheet
71Kb / 1P
   High Pass Filter 50廓 290 to 3000 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-700 MINI-NHP-700 Datasheet
84Kb / 1P
   High Pass Filter 50廓 700 to 3000 MHz
NHP-800 MINI-NHP-800 Datasheet
141Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
BHP-600 MINI-BHP-600 Datasheet
71Kb / 1P
   High Pass Filter 50廓 600 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-200 MINI-NHP-200 Datasheet
84Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com