データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4S4S4ME4 データシート(PDF) 1 Page - XP Power Limited

部品番号 M4S4S4ME4
部品情報  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S4S4ME4 データシート(HTML) 1 Page - XP Power Limited

  M4S4S4ME4 Datasheet HTML 1Page - XP Power Limited M4S4S4ME4 Datasheet HTML 2Page - XP Power Limited M4S4S4ME4 Datasheet HTML 3Page - XP Power Limited M4S4S4ME4 Datasheet HTML 4Page - XP Power Limited M4S4S4ME4 Datasheet HTML 5Page - XP Power Limited M4S4S4ME4 Datasheet HTML 6Page - XP Power Limited M4S4S4ME4 Datasheet HTML 7Page - XP Power Limited M4S4S4ME4 Datasheet HTML 8Page - XP Power Limited M4S4S4ME4 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Specification
250-450 Watts
Configurable for Fast Time to Market
Industrial/IT & Medical Approvals
All Outputs Isolated
Low Profile 1U Applications
Wide Voltage Adjustment Range
SEMI F47 Certified
Rugged Compact Design
LP & LP-MD Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Inrush Current
• 20 A pk max
Power Factor
• Compliant with EN61000-3-2
Output
Output Voltage
• See module table
Output Voltage Trim
• ±10 % min all modules. See module table
for extended adjustment range
Hold Up Time
• 20 ms min
Line Regulation
• Typically 0.1%, maximum 0.3%
Load Regulation
• 1% max for single output modules & V1 of
dual & triple output modules
2% max for V2 & V3 of dual & triple output
modules
A 10% load must be applied to output 1 of
the high current dual module (U) & triple
module (T) to achieve this figure
Ripple & Noise
• 50 mV or 1% pk-pk, whichever is greater,
20 MHz bandwidth
Overvoltage Protection • 120-130% Vnom for single output &
output 1 of high current dual modules (U)
& triple modules (T)
Overload Protection
• <140% of nominal rating
Short Circuit Protection • Foldback
Temperature
• 0.03%/°C
Coefficient
Remote Sense
• Compensates for up to 0.5 V drop on
single (S) output modules & output 1
of dual (U) & triple (T) output modules
Current Share
• Single wire parallel current share. See
signals & controls page
xppower.com
General
Efficiency
• 75% typical at nominal input
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
50 VAC Output to Ground
Signals & Controls
• AC OK, DC OK, Global & Module Inhibit.
See signals & controls page
MTBF
• 890 kHrs demonstrated
Environmental
Operating Temperature • 0 °C to +70 °C, derate linearly from 100%
at +50 °C to 50% at +70 °C for fan
versions. See airflow curves for U-channel
versions.
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m with no derating
EMC & Safety
Emissions
• LP models P3-P5:
EN55022, level B conducted
LP-MD models, M3-M5:
EN55011,
level A conducted with FE(x) cover,
level B conducted with ME(x) cover
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Criteria A, B, B
Safety Approvals
• LP models: EN60950, UL60950, CSA22.2
No 950, CE Mark LVD, SEMI F47
compliant (highline only)
LP-MD models: EN60601-1, CSA22.2-601,
UL60601-1, CE Mark LVD


同様の部品番号 - M4S4S4ME4

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
M4S48H DBLECTRO-M4S48H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HA DBLECTRO-M4S48HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HAW DBLECTRO-M4S48HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HW DBLECTRO-M4S48HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

同様の説明 - M4S4S4ME4

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com