データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDR250AS24 データシート(PDF) 4 Page - XP Power Limited

部品番号 SDR250AS24
部品情報  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDR250AS24 データシート(HTML) 4 Page - XP Power Limited

  SDR250AS24 Datasheet HTML 1Page - XP Power Limited SDR250AS24 Datasheet HTML 2Page - XP Power Limited SDR250AS24 Datasheet HTML 3Page - XP Power Limited SDR250AS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-Apr-08
SDR
0.25 (6.35)
2.00 (50.80)
0.25 (6.35)
A
A
A
0.75 (19.05)
A Mounting hole 7 places
M3 x 0.5
1.66 (42.10)
0.55 (13.90)
2.70 (68.58)
1.75 (44.52)
A
A
B
A
LED1
FAN
RETURN
REMOTE ON/OFF
POWER GOOD
CN2
CN1
CN3
FG
NEUTRAL
LINE
Molex Part No. 09-91-0500 or
equivalent (5 Pin, 3 Used)
OPTION ‘E’
Terminal Block
M3 Screw
3 Pins 0.25 (6.35) Centre
5.00 (127.00)
Single Output Models
Single Output Models
Terminal Block
M3 Screw 4 Pins
0.25 (6.35) Centre
OPTION ‘D’
Dual Output Models
Terminal Block
M4 Screw 3 Pins
0.33 (8.35) Centre
CN2
Dual Output Models
V2
RTN
V1
RTN
V1
RTN
V1
U-Channel with cover (Option ‘-C’)
Remote On/Off
Power Good
Supply 1
C
Output
V1
Comm
Return
CN3 Pin 6 Current Share
O
Supply 2
LOAD
Output
Return
CN3 Pin 6 Current Share
P
OOD
ER GOOD
CN1 Pin 2
ON/OFF
PSU
CN1 Pin 1
Return
OFF
ON
CL
CD
CD
Supply
Supply 1
CN3 Pin 7
CN1 Pin 3
DC OK
+5 V
1 K
CN1 Pin 1
Return
CN3 Pin 6
Output
Output
Return
CN3 Pin 6 Current Share
Output
Sense
Sense
LOAD
Twisted Pair
+
+
-
+
-
-
Supply 2
L
Output
Return
CN3 Pin 6 Current Share
POWER NOT GOOD
POWER GOOD
CN1 Pin 2
ON/OFF
PSU
CN1 Pin 1
Return
O
Note:
1. Applying <0.3 V or short between
pins 2 and 1 turns the output OFF.
2. Applying >4.5 V or open circuit between
pins 2 and 1 turns output ON.
Application Notes
Signal connector CN1 mates with JST XHP-3 or equivalent & crimp terminals SXH-002-P0.6.
Fan connector mates with JST XHP-2 or equivalent & crimp terminals.
Input: Molex No. 09-91-0500, crimp terminals Molex series 6838.
Output: Molex No. 09-91-0600 for 12 V to 60 V single output models, 09-91-0800 for dual output models, crimp terminals Molex series 6838.
Terminal block for 5 V to 9 V single output models
Sink current = 6 mA
Source current = 4 mA
Mechanical Details
All dimensions are in inches (mm).
Weight: 420 g (0.93 lbs)


同様の部品番号 - SDR250AS24

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
107Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UFBT SSDI-SDR2030UFBT Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTR SSDI-SDR2030UFBTR Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
SDR2030UFBTRS SSDI-SDR2030UFBTRS Datasheet
103Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
More results

同様の説明 - SDR250AS24

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com