データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMC600PS48-C データシート(PDF) 3 Page - XP Power Limited

部品番号 SMC600PS48-C
部品情報  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMC600PS48-C データシート(HTML) 3 Page - XP Power Limited

  SMC600PS48-C Datasheet HTML 1Page - XP Power Limited SMC600PS48-C Datasheet HTML 2Page - XP Power Limited SMC600PS48-C Datasheet HTML 3Page - XP Power Limited SMC600PS48-C Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.00
(50.8)
2.50
(63.5)
1.59
(40.4)
BA
4.25
(108.0)
Terminal Blocks
M3.5 Screw 8 Pins 9.5 mm center
5.00 (127.0)
6.00 (152.4)
2.09
(53.0)
1.59
(40.3)
9.17 (233.0)
0.88 (22.25)
2.50
(63.6)
1.75
(44.45)
1.25 (31.9)
A
B
A
A
A
A
B
B
B
B
0.59
(15.0)
1.62
(41.25)
0.32 (8.25)
2.50 (63.5)
Terminal Block
M3 Screw
3 Pins 8.25 mm center
2.50 (63.5)
IEC320 or equivalent
‘-D’ Option
A
B
B
A
9.17 (233.0)
2.00
(50.8)
2.50
(63.5)
2.50 (63.5)
Pin 1
Pin 7
A Mounting Hole 8 Places
0.22 (5.6)
0.25 (6.4)
UNC6-32
(Zn-plated)
B Mounting Hole 8 Places
0.22 (5.6)
0.25 (6.4)
(Zn (yellow) -plated)
M4
CN3
SMC/SMD Series
Mechanical Details
2.00
(50.8)
2.50
(63.5)
1.00
(25.4)
BA
4.33
(110.0)
Terminal Blocks
M3.5 Screw 8 Pins
9.5 mm center
Terminal Blocks
M3.5 Screw 8 Pins 9.5 mm center
5.00 (127.0)
6.00 (152.4)
1.50
(38.1)
1.00
(25.4)
8.00 (203.20)
0.92 (23.25)
0.92 (23.25)
2.50
(63.5)
1.75 (44.45)
1.29 (32.78)
1.29 (32.78)
A
B
A
B
A
A
B
B
B
A
Pin 1
Pin 7
2.50 (63.5)
0.37
(9.5)
2.50 (63.5)
0.37
(9.5)
A
B
B
A
2.00
(50.8)
2.50
(63.5)
Recommended
Air Flow
CN3
All dimensions are in inches (mm)
Weight: 3.30 lbs (1.5 kg) approx.
SMD U-Channel
1. Logic connector CN3 mates with JST XHP-7 or equivalent and JST SXH-002T-P0.6 crimp terminals.
2. Fan connector mates with JST XHP-2 or equivalent and JST SXH-002T-P0.6 crimp terminals. Output is 12 VDC/160 mA
3. Current share only available on ‘-I’ models, remote sense not available on ‘-I’ models. Current share not available with constant current models.
4. Maximum mounting screw penetration: 0.15 (4.00) from case outer surfaces.
Notes
CN3 (Signals)
Pin
Function
1
Current monitor
2(3)
Current share
3
Return
4
Power good
5
Remote On/Off
6(3)
-Remote sense
7(3)
+Remote sense
SMC with integral fan
CN3 (Signals)
Pin
Function
1
Current monitor
2(3)
Current share
3
Return
4
Power good
5
Remote On/Off
6(3)
-Remote sense
7(3)
+Remote sense
All dimensions are in inches (mm)
Weight: 3.09 lbs (1.4 kg) approx.


同様の部品番号 - SMC600PS48-C

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMC60 SUNMATE-SMC60 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60A SUNMATE-SMC60A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60C SUNMATE-SMC60C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60CA SUNMATE-SMC60CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

同様の説明 - SMC600PS48-C

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com