データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLC100-34 データシート(PDF) 8 Page - Murata Power Solutions Inc.

部品番号 SLC100-34
部品情報  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-34 データシート(HTML) 8 Page - Murata Power Solutions Inc.

  SLC100-34 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-34 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SLC100 1.2VOUT ELECTRICAL SPECIFICATIONS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at
nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Maximum Input Current
Inrush Charge
Reflected Ripple Current
Input Voltage Ripple Rejection
No Load Input Current
Quiescent Input Current
OUTPUT
Voltage Setpoint
Voltage Range
Line Regulation
Load Regulation
Output Ripple
Output Current Range
Output Current Limit Inception
Efficiency
Transient Response
Peak Deviation
Settling Time
External Load Capacitance
Rated Power
44
48
A
100
120
mVpk-pk
0
401
A
80
%
50,000
mF
50% to 75% Load Step at di/dt
=0.1 A/
mS; Cext =TBD
TBD
mV
TBD
mS
1.80
A
TBD
mApk-pk
Vin = 75Vdc
0.180
mC
-30
dB
55
mA
2
mA
1.2
1.218
Vdc
TBD
TBD
Vdc
Full Load; Vin = 36Vdc
Full Load (100Hz-1KHz)
Full Load, XXMhz Bandwidth
No Load
0.05
0.10
% of Vnom
0.25
0.50
% of Vnom
48
W
TBD
1.182
Over all conditions of line,
load and temperature
* Note 1: Maximum output current for SMD Models is 25A.
Disabled Input Current
3.0
mA
Recommended Input Fuse
Fast blow external fuse
7
A


同様の部品番号 - SLC100-34

メーカー部品番号データシート部品情報
logo
C&D Technologies
SLC100-34 CANDD-SLC100-34 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

同様の説明 - SLC100-34

メーカー部品番号データシート部品情報
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com