データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZM-2780C2 データシート(PDF) 2 Page - Communications & Power Industries, Inc.

部品番号 VZM-2780C2
部品情報  500W M-Band TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CPI [Communications & Power Industries, Inc.]
ホームページ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZM-2780C2 データシート(HTML) 2 Page - Communications & Power Industries, Inc.

  VZM-2780C2 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZM-2780C2 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 205, ISSUE 1
06/07
PDF
SPECIFICATIONS, VZM-2780C2
Electrical
Frequency
8.0 to 18.0 GHz
TWT Model Number
VTM6392M4B
Output Power
TWT
280 W min. (each)
Flange
500 W min.
Bandwidth
10.0 GHz
Gain
57 dB min. at rated power output;
57 dB typ. at small signal
RF Level Adjust
0 to 20 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability (typical)
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
0.02 dB/MHz max.
Small Signal Gain Variation
10.0 dB pk-pk max. over the
(typical)
10 GHz bandwidth
Input/Output VSWR
1.25:1 max.
Load VSWR
2.0:1 max. for full spec compliance;
any value without damage
Residual AM
-45 dBc up to 4 kHz;
-20 [1.25 + log F (kHz)] dBc,
4 kHz to 500 kHz (F in kHz);
-80 dBc above 500 kHz
Harmonic Content
-6 dBc typ. at 8 GHz
Primary Power
208/120 V ±10%, or
3 phase, 5 wire
380-415/220-240 V ±10%, 47-63 Hz;
5 wires are: Phase 1, 2 & 3, neutral
and ground connection. Neutral (wire 5
can be used if available)
Power Factor
0.90 min. (at 50 Hz)
Power Consumption
6.9 kVA typ.
7.5 kVA max.
Environmental (Operating)
Ambient Temperature
-10° to +40°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.
Shock and Vibration
Designed to meet conditions normally
encountered in the laboratory
Acoustic Noise
72 dBA one meter from front panel
Mechanical
Cooling (TWT)
Forced air with integral blower
and power supply fan. Maximum
external pressure loss allowable:
0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
Type WRD-750
RF Power Monitors
Type-N female
Dimensions (W x H x D)
RF Drawer
19 x 17.5 x 28 in.
(483 x 445 x 711 mm)
Power Supply
19 x 8.75 x 24 in.
(483 x 223 x 610 mm)
Weight
RF Drawer
90 lbs (41 kg)
Power Supply
100 lbs (45 kg)
Interconnect
10 lbs (4.5 kg)
OPTIONS &
COMP ANION
PRODUCTS:
• Mimic Remote Control
Panel
Certificate Number: 30515


同様の部品番号 - VZM-2780C2

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZM-6991K4 CPI-VZM-6991K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZM-6991K6 CPI-VZM-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZM-6993J5 CPI-VZM-6993J5 Datasheet
141Kb / 2P
   250W or 320W TWT Amplifier
More results

同様の説明 - VZM-2780C2

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZL-2780C2 CPI-VZL-2780C2 Datasheet
157Kb / 2P
   500W L-Band TWT Amplifier
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
VTU-6397D4X CPI-VTU-6397D4X Datasheet
89Kb / 1P
   500W DBS-Band Helix TWT Series
VZU-6995VX CPI-VZU-6995VX Datasheet
140Kb / 2P
   500W Outdoor TWT Medium Power Amplifier
VZX-2783C1 CPI-VZX-2783C1 Datasheet
157Kb / 2P
   1.0kW X-Band TWT Amplifier
logo
RF Micro Devices
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
logo
Communications & Power ...
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VTU-6125C4 CPI-VTU-6125C4 Datasheet
48Kb / 1P
   Ku-Band Helix TWT
VTU-6392D2A CPI-VTU-6392D2A Datasheet
91Kb / 1P
   Ku-Band Helix TWT Series
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com