データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZU-6997CY データシート(PDF) 2 Page - Communications & Power Industries, Inc.

部品番号 VZU-6997CY
部品情報  750W Compact High Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CPI [Communications & Power Industries, Inc.]
ホームページ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZU-6997CY データシート(HTML) 2 Page - Communications & Power Industries, Inc.

  VZU-6997CY Datasheet HTML 1Page - Communications & Power Industries, Inc. VZU-6997CY Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZU-6997CY
Electrical
Frequency
17.3 to 18.4 GHz
Output Power
TWT
750 W min. (58.75 dBm min.)
Flange
650 W min. (58.13 dBm min.)
Bandwidth
1100 MHz
Gain
70 dB min. at rated power, 88 dB max.
75 dB min. at small signal, 90 dB max.
RF Level Adjust Range
0 to 20 dB min. (via PIN diode attenuator)
Gain Stability
At constant drive & temp.
±0.25 dB/24hr max.
(after 30 min. warmup)
Over temp., constant drive
±1.0 dB over oper. temp. range (typical)
(any frequency)
±0.75 dB over ±10°C (typical)
Small Signal Gain Slope
±0.02 dB/MHz max.
Small Signal Gain Variation
Across any 80 MHz band
1.0 dB pk-pk max.
Across the passband
4.0 dB pk-pk max.
Across the passband,
with linearizer
6.0 dB pk-pk max.
Input VSWR
1.30:1 max.
Output VSWR
1.30:1 max.
Load VSWR
Continuous operation
2.0:1
Full spec compliance
1.2:1
Operation without damage
Any value
Residual AM, max.
-50 dBc below 10 kHz
-20 [1.5 +log F(kHz)] dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
IESS-308/309
phase noise profile
-12 dB
AC fundamentals related
-36 dBc
Sum of spurs (370 Hz to 1 MHz) -47 dBc
AM/PM Conversion
2.5°/dB max. for a single-carrier at
8 dB below rated power
Harmonic Output
-60 dBc at rated power,
second and third harmonics
Noise and Spurious
<-120 dBW/4 kHz, below 16.5 GHz
<-65 dBW/4 kHz, 17.3 to 17.8 GHz
<-60 dBW/4 kHz, in passband with
linearizer
<-105 dBW/4 kHz, 18.9 to 26.0 GHz
<-125 dBW/4 kHz, 26.0 to 40.0 GHz
Noise Figure
10 dB max.; 15 dB max. with
optional integral linearizer
Intermodulation
-24 dBc at 7 dB OBO without linearizer;
-24 dBc at 3 dB OBO with linearizer
Electrical (continued)
Group Delay
0.01 ns/MHz linear max.
(in any 80 MHz band)
0.001 ns/MHz sq. parabolic max.
0.5 ns pk-pk ripple max.
Primary Power
Voltage
Single phase, 200-240 VAC ±10%
Frequency
47-63 Hz
Power Consumption
2.3 kVA typ. (small signal)
2.6 kVA max.
Power Factor
0.95 min.
Inrush Current
200% max.
Environmental (Operating)
Ambient Temperature
-10° to +50°C operating
-40° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
50,000 ft., non-operating
Shock and Vibration
Designed for normal transportation
environment per Section 514.4
MIL-STD-810E. Designed to
withstand 20G at 11 ms
(1/2 sine pulse) in non-operating
condition.
Mechanical
Cooling (TWT)
Forced air with integral blower
Rear air intake & exhaust
Maximum external pressure loss
allowable: 0.5 inches water column
RF Input Connection
Type SMA female
RF Output Connection
WR-62 waveguide flange,
grooved, threaded UNC 2B 6-32
RF Output Monitor
Type SMA female
Dimensions (W x H x D)
19 x 8.75 x 25 in.
(483 x 222 x 635 mm)
Weight
100 lbs (45.4 kg) max.
Heat and Acoustic
Heat Dissipation
2,000 Watts max.
Acoustic Noise
68 dBA (as measured at 3 ft.)
OPTIONS:
• Integral Linearizer
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• Block Upconverter (contact
CPI for specs)
DBS-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 231, ISSUE 2
04/08
PDF
Certificate Number: 30515


同様の部品番号 - VZU-6997CY

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
More results

同様の説明 - VZU-6997CY

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZC-6967AN CPI-VZC-6967AN Datasheet
159Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AM CPI-VZC-6967AM Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AH CPI-VZC-6967AH Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZA-6903E CPI-VZA-6903E Datasheet
173Kb / 2P
   750W Outdoor EIK Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com