データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZS-2776L1 データシート(PDF) 1 Page - Communications & Power Industries, Inc.

部品番号 VZS-2776L1
部品情報  Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CPI [Communications & Power Industries, Inc.]
ホームページ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZS-2776L1 データシート(HTML) 1 Page - Communications & Power Industries, Inc.

  VZS-2776L1 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZS-2776L1 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact Medium Power Amplifier
for EMI/EMC Test and Measurement Applications
45 River Drive
Georgetown, Ontario, Canada L7G 2J4
tel: +1 (905) 877-0161
fax: +1 (905) 877-5327
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom
Compact
Three rack units tall (5.25 in, 133 mm)
Versatile
Ultra-wideband, automatic fault recycle, user-
friendly microprocessor-controlled logic with
integrated computer interface, VSWR soft-fail
protection, digital metering, quiet operation for
laboratory environment.
An integral solid state pre-amplifier and IEEE
interface are included as standard features.
Efficient
Utilizes dual-depressed collector helix
traveling wave tube for maximum 1.5 kVA
operation.
The VZS/X-2776L1
Series
100 W TWT Amplifier
Global Applications
230 VAC operation. Meets International Safety
Standard EN61010 and Electromagnetic
Compatibility 2004/108/EC.
Worldwide Support
Modular design and built-in fault diagnostic
capability, backed by CPI’s worldwide 24-hour
customer support network that includes sixteen
regional factory service centers.
4.0 - 10.0 GHz


同様の部品番号 - VZS-2776L1

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
More results

同様の説明 - VZS-2776L1

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com