データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

394FPL152KC1 データシート(PDF) 1 Page - Illinois Capacitor, Inc.

部品番号 394FPL152KC1
部品情報  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

394FPL152KC1 データシート(HTML) 1 Page - Illinois Capacitor, Inc.

  394FPL152KC1 Datasheet HTML 1Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 2Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 3Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 4Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 5Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 6Page - Illinois Capacitor, Inc. 394FPL152KC1 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
189
®
Boxed Impregnated
Polypropylene Film with
Aluminum Foil Electrodes
FPL
1000
1250
1500
2000
480
550
630
750
VDC
VAC
AC Voltage
-40˚C to +85˚C
C
≤0.33µF: ≥100000 MΩ
C>0.33µF:
≥30000 MΩ
I Impregnated Polypropylene
I High dv/dt
I Low Self Inductance
I Low ESR
FEATURES
SPECIFICATIONS
APPLICATIONS
I Impregnated Elements Eliminate Corona
I IGBT Circuits
I Snubber Networks
I Energy Conversion
Terminal to Terminal
Terminal to Case
Aluminum Foil
Impregnated Extended Foil Polypropylene Film
Flame Retardant Solvent Resistant Plastic Case with Epoxy Fill
250% of VDC applied for
2 Seconds and 20°C
3kVAC at 50/60Hz applied between the
terminals and case for 60 seconds and 20°C
Construction
Electrode
Coating
Lead Terminations
Lead Free Tinned Copper Leads
Operating Temperature
Range
Capacitance Tolerance
Dissipation Factor
tan
δ
at 1 kHz and 20°C
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 500VDC applied
Self inductance
<1 nano-Henry per mm of lead spacing and lead length
Dielectric Strength
+/- 10% at 1kHz, 20˚C
±5 optional
0.05% Max.


同様の部品番号 - 394FPL152KC1

メーカー部品番号データシート部品情報
logo
3M Electronics
394 3M-394 Datasheet
130Kb / 5P
   3M??Vent Tape 394
logo
Allegro MicroSystems
3940 ALLEGRO-3940_03 Datasheet
598Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
logo
Alpha Wire
394133 ALPHAWIRE-394133 Datasheet
97Kb / 4P
   Customer Specification
2/17/2023
logo
Molex Electronics Ltd.
39421-0002 MOLEX-39421-0002 Datasheet
307Kb / 2P
   12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
39421-0002 MOLEX5-39421-0002 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
More results

同様の説明 - 394FPL152KC1

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
684MHBS70K2H ILLINOISCAPACITOR-684MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com