データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AS257D データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AS257D
部品情報  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AS257D データシート(HTML) 7 Page - Texas Instruments

  SN74AS257D Datasheet HTML 1Page - Texas Instruments SN74AS257D Datasheet HTML 2Page - Texas Instruments SN74AS257D Datasheet HTML 3Page - Texas Instruments SN74AS257D Datasheet HTML 4Page - Texas Instruments SN74AS257D Datasheet HTML 5Page - Texas Instruments SN74AS257D Datasheet HTML 6Page - Texas Instruments SN74AS257D Datasheet HTML 7Page - Texas Instruments SN74AS257D Datasheet HTML 8Page - Texas Instruments SN74AS257D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ALS257A, SN54ALS258A, SN74ALS257A, SN74ALS258A, SN74AS257, SN74AS258
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS124C – APRIL 1982 – REVISED AUGUST 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN74AS257
MIN
MAX
tPLH
AorB
Any Y
1
5.5
ns
tPHL
A or B
Any Y
1
6
ns
tPLH
A /B
Any Y
2
11
ns
tPHL
A/B
Any Y
2
10
ns
tPZH
OE
Any Y
2
7.5
ns
tPZL
OE
Any Y
2
9.5
ns
tPHZ
OE
Any Y
1.5
6.5
ns
tPLZ
OE
Any Y
2
7
ns
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN74AS258
MIN
MAX
tPLH
AorB
Any Y
1
5
ns
tPHL
A or B
Any Y
1
4
ns
tPLH
A /B
Any Y
2
9.5
ns
tPHL
A/B
Any Y
2
10
ns
tPZH
OE
Any Y
2
8
ns
tPZL
OE
Any Y
2
10
ns
tPHZ
OE
Any Y
1.5
6
ns
tPLZ
OE
Any Y
2
6.5
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.


同様の部品番号 - SN74AS257D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AS257D TI1-SN74AS257D Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AS257D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN54AHC257 TI-SN54AHC257 Datasheet
136Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com