データシートサーチシステム |
|
SN74AS257N データシート(PDF) 8 Page - Texas Instruments |
|
|
SN74AS257N データシート(HTML) 8 Page - Texas Instruments |
8 / 9 page SN54ALS257A, SN54ALS258A, SN74ALS257A, SN74ALS258A, SN74AS257, SN74AS258 QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS SDAS124C – APRIL 1982 – REVISED AUGUST 1996 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES tPHZ tPLZ tPHL tPLH 0.3 V tPZL tPZH tPLH tPHL LOAD CIRCUIT FOR 3-STATE OUTPUTS From Output Under Test Test Point R1 S1 CL (see Note A) 7 V 1.3 V 1.3 V 3.5 V 3.5 V 0.3 V 0.3 V High-Level Pulse Low-Level Pulse tw VOLTAGE WAVEFORMS PULSE DURATIONS Input Out-of-Phase Output (see Note C) 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 3.5 V 3.5 V 0.3 V 0.3 V VOL VOH VOH VOL Output Control (low-level enabling) Waveform 1 S1 Closed (see Note B) Waveform 2 S1 Open (see Note B) [0 V VOH VOL [3.5 V In-Phase Output 0.3 V 1.3 V 1.3 V VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS R2 RL = R1 = R2 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. When measuring propagation delay items of 3-state outputs, switch S1 is open. D. All input pulses have the following characteristics: PRR ≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%. E. The outputs are measured one at a time with one transition per measurement. Figure 1. Load Circuits and Voltage Waveforms |
同様の部品番号 - SN74AS257N |
|
同様の説明 - SN74AS257N |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |