データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZC-6964 データシート(PDF) 1 Page - Communications & Power Industries, Inc.

部品番号 VZC-6964
部品情報  400W Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CPI [Communications & Power Industries, Inc.]
ホームページ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZC-6964 データシート(HTML) 1 Page - Communications & Power Industries, Inc.

  VZC-6964 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZC-6964 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact
Provides 400 watts of power in a 3 rack unit
package, digital ready, for wideband, single- and
multi-carrier satellite service in the 5.850-6.650
GHz frequency band. Ideal for transportable and
fixed earth station applications where space and
prime power are at a premium.
Efficient
Employs a high efficiency dual-depressed
collector helix traveling wave tube backed by
many years of field-proven experience in
airborne and military applications.
Simple to Operate
User-friendly microprocessor-controlled
logic with integrated computer interface.
Digital metering, pin diode attenuation and
optional integrated linearizer for improved
intermodulation performance.
Global Applications
Meets International Safety Standard EN-60215,
Electromagnetic Compatibility 89/336/EEC and
Harmonic Standard EN-61000-3-2 to satisfy
worldwide requirements.
Easy to Maintain
Modular design and built-in fault diagnostic
capability with convenient and clearly visible
indicators behind front panel door for easy
maintainability in the field.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s worldwide
24-hour customer support network that includes
fifteen regional factory Service Centers.
400W Compact Medium Power Amplifier
for Satellite Communications
The VZC-6964
400 Watt TWT
Medium Power
Amplifier—
high efficiency in a
compact package.
C-Band
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: satcommarketing@satcom.cpii.com
www.cpii.com/satcom


同様の部品番号 - VZC-6964

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZC-6962E2 CPI-VZC-6962E2 Datasheet
155Kb / 2P
   200W Compact Low Power Amplifier
VZC-6965B5 CPI-VZC-6965B5 Datasheet
129Kb / 2P
   CPI 2.25kW TWT C-Band HPA
VZC-6967AH CPI-VZC-6967AH Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
More results

同様の説明 - VZC-6964

メーカー部品番号データシート部品情報
logo
Communications & Power ...
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
VZS-2776L1 CPI-VZS-2776L1 Datasheet
137Kb / 2P
   Compact Medium Power Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
logo
MicroPower Direct, LLC
MPU-400D MPD-MPU-400D Datasheet
1Mb / 4P
   Compact 400W Supply
logo
Communications & Power ...
VZA-6906C5 CPI-VZA-6906C5 Datasheet
200Kb / 2P
   400W/500W Millitron High Power Amplifier
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com