データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

393MKP275KD データシート(PDF) 2 Page - Illinois Capacitor, Inc.

部品番号 393MKP275KD
部品情報  Class X2 Radial Lead Metallized Polypropylene Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

393MKP275KD データシート(HTML) 2 Page - Illinois Capacitor, Inc.

  393MKP275KD Datasheet HTML 1Page - Illinois Capacitor, Inc. 393MKP275KD Datasheet HTML 2Page - Illinois Capacitor, Inc. 393MKP275KD Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MKP
STANDARD PART LISTING
Convert to inches, divide by 25.4
PART
NUMBER
dv/dt
(v/µs)
S
d
LxHxT
(mm)
PART
NUMBER
dv/dt
(v/µs)
S
d
LxHxT
(mm)
0.0047
472MKP275K
400
13x10x5
10
0.6
0.0047
472MKP275KC
500
10x8x4
7.5
0.6
0.0056
562MKP275KC
500
10x8x4
7.5
0.6
0.0056
562MKP275KD
400
13x10x5
10
0.6
0.0068
682MKP275K
400
13x10x5
10
0.6
0.0068
682MKP275KC
500
10x8x4
7.5
0.6
0.0082
822MKP275KC
500
10x8x4
7.5
0.6
0.0082
822MKP275KD
400
13x10x5
10
0.6
0.01
103MKP275K
400
13x10x5
10
0.6
0.01
103MKP275KC
500
10x8x4
7.5
0.6
0.01
103MKP275KE
300
18x11x5
15
0.8
0.012
123MKP275KC
500
10x8x4
7.5
0.6
0.012
123MKP275KD
400
13x10x5
10
0.6
0.015
153MKP275K
400
13x11x5
10
0.6
0.015
153MKP275KC
500
10x9x4
7.5
0.6
0.015
153MKP275KE
300
18x11x5
15
0.8
0.018
183MKP275KC
500
10x9x4
7.5
0.6
0.018
183MKP275KD
400
13x11x5
10
0.6
0.022
223MKP275K
400
13x11x5
10
0.6
0.022
223MKP275KB
300
18x11x5
15
0.8
0.022
223MKP275KC
500
10x9x4
7.5
0.6
0.027
273MKP275KC
500
10x10x5
7.5
0.6
0.027
273MKP275KD
400
13x11x5
10
0.6
0.033
333MKP275K
400
13x12x6
10
0.6
0.033
333MKP275KC
500
10x10x5
7.5
0.6
0.033
333MKP275KE
300
18x11x5
15
0.8
0.039
393MKP275KC
500
10x11x5
7.5
0.6
0.039
393MKP275KD
400
13x9x4
10
0.6
0.039
393MKP275KE
300
18x11x5
15
0.8
0.047
473MKP275K
300
18x11x5
15
0.8
0.047
473MKP275KC
500
10x12x6
7.5
0.6
0.047
473MKP275KD
400
13x10x5
10
0.6
0.056
563MKP275KC
500
10x12x6
7.5
0.6
0.056
563MKP275KD
400
13x10x5
10
0.6
0.056
563MKP275KE
300
18x11x5
15
0.8
0.068
683MKP275K
300
18x11x5
15
0.8
0.068
683MKP275KD
400
13x11x5
10
0.6
0.082
823MKP275KD
400
13x12x6
10
0.6
0.082
823MKP275KE
300
18x11x5
15
0.8
0.1
104MKP275K
300
18x11x5
15
0.8
0.1
104MKP275KD
400
13x12x6
10
0.8
Capacitance
(µF)
Capacitance
(µF)
0.12
124MKP275KD
400
13x13x7
10
0.6
0.15
154MKP275K
180
26x14.5x6
22.5
0.8
0.15
154MKP275KD
400
13x14x8
10
0.6
0.15
154MKP275KE
300 18x13.5x7.5
15
0.8
0.18
184MKP275KE
300
18x12x6
15
0.8
0.18
184MKP275KG
180
26x14.5x6
22.5
0.8
0.22
224MKP275K
180
26x14.5x6
22.5
0.8
0.22
224MKP275KB
300
18x14x8
15
0.8
0.27
274MKP275KE
300 18x14.5x7.5
15
0.8
0.33
334MKP275K
180
26x17x8.5
22.5
0.8
0.33
334MKP275KE
300 18x13.5x10
15
0.8
0.39
394MKP275KE
300
18x17x8
15
0.8
0.39
394MKP275KG
180
26x16.5x7.5
22.5
0.8
0.47
474MKP275KE
300
18x18x9
15
0.8
0.47
474MKP275K
120
32x18x9
27.5
0.8
0.47
474MKP275KB
180
26x16.5x7
22.5
0.8
0.56
564MKP275KE
300
18x19x10
15
0.8
0.56
564MKP275KG
180
26x16.5x7.5
22.5
0.8
0.56
564MKP275KH
120
31x20x10
27.5
0.8
0.68
684MKP275K
120
31x20x10
27.5
0.8
0.68
684MKP275KG
180
26x17x8
22.5
0.8
0.82
824MKP275KG
180
26x18x9
22.5
0.8
0.82
824MKP275KH
120
31x20x11
27.5
0.8
1
105MKP275K
120
31x20x11
27.5
0.8
1
105MKP275KG
180
26x19x10
22.5
0.8
1.2
125MKP275KG
180
26x20x11.5
22.5
0.8
1.5
155MKP275K
120
31x23.5x14
27.5
0.8
1.5
155MKP275KE
180
26x22x12
22.5
0.8
1.8
185MKP275KE
180
26x24x14
22.5
0.8
2.2
225MKP275K
120
31x26x18
27.5
0.8
2.2
225MKP275KE
180
26x25x15
22.5
0.8
3.3
335MKP275KH
100
31x33x18
27.5
1.0
3.3
335MKP275KJ
100 41.5x28.5x16 37.5
1.0
3.9
395MKP275KJ
100
41.5x35x20
37.5
1.0
4.7
475MKP275KH
120
31.5x37x22
27.5
1.0
4.7
475MKP275KJ
100
41.5x32x19
37.5
1.0
5.6
565MKP275KJ
100
41.5x35x20
37.5
1.0
6.8
685MKP275KJ
100
41.5x39x24
37.5
1.0
8.2
825MKP275KJ
100
41.5x45x30
37.5
1.0
10
106MKP275KJ
100
41.5x45x30
37.5
1.0
Class X2 Radial
Lead Metallized
Polypropylene
Capacitors


同様の部品番号 - 393MKP275KD

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
393MS8GE HITTITE-393MS8GE Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
393MS8GE HITTITE-393MS8GE Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
Illinois Capacitor, Inc...
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
More results

同様の説明 - 393MKP275KD

メーカー部品番号データシート部品情報
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
List of Unclassifed Man...
MPXM-275104K10F ETC2-MPXM-275104K10F Datasheet
186Kb / 2P
   METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
MKP-X2 ETC2-MKP-X2 Datasheet
150Kb / 4P
   Metallized Polypropylene RFI-Capacitors Class X2 PCM 7.5 mm to 27.5 mm
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com