データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

393LKP016M データシート(PDF) 2 Page - Illinois Capacitor, Inc.

部品番号 393LKP016M
部品情報  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

393LKP016M データシート(HTML) 2 Page - Illinois Capacitor, Inc.

  393LKP016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 393LKP016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 393LKP016M Datasheet HTML 3Page - Illinois Capacitor, Inc. 393LKP016M Datasheet HTML 4Page - Illinois Capacitor, Inc. 393LKP016M Datasheet HTML 5Page - Illinois Capacitor, Inc. 393LKP016M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
LKP
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
6.3
10
16
25
35
50
63
80
100
160
200
250
350
400
450
(8)
(13)
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
(400)
(450)
(500)
270
35x50
330
35x80
35x80
390
35x50
35x80
35x80
470
35x50
35x80
35x80
35x80
560
35x50
35x80
35x80
35x100
680
35x50
35x50
35x80 35x100 35x100
820
35x50
35x60
35x100 35x100
51x70
1,000
35x60
35x80
35x100 51x70
51x70
1,200
35x50
35x60
35x80
51x70
51x70
51x90
1,500
35x60
35x80
35x100 51x70
51x90
51x115
1,800
35x70
35x80 35x100
51x90
51x90
51x130
2,200
35x50
35x80 35x100 51x70
51x90 51x130
64x96
2,700
35x50 35x100 35x121 51x70
51x130 64x96
64x115
3,300
35x50 35x121 51x70
51x90
51x130 64x115 64x130
3,900
35x60
51x70
51x70 51x115 64x115 64x130 77x115
4,700
35x50
35x80
51x70
51x90
64x96
64x130 77x115 77x130
5,600
35x50
35x60
35x80
51x90 51x115 64x96
77x115 77x130 77x155
6,800
35x50
35x50
35x80
35x100 51x90 51x130 64x115 77x130 77x155 90x157
8,200
35x50
35x60
35x80
35x121 51x115 64x96
64x115 77x155 90x157 90x157
10,000
35x50
35x60
35x80
35x100
51x80
64x96
64x96 64x130 90x157 90x157 90x196
12,000
35x50
35x60
35x80
35x121
51x80
64x96
77x96 77x115 90x157 90x196 90x236
15,000
35x60
35x80 35x100
51x80
51x121 64x130 77x96 77x130 90x196 90x236
18,000
35x50
35x60
35x80 35x121
51x80
51x121 64x130 77x130 77x155 90x236
22,000
35x50
35x60
35x80 35x121 51x80
51x100 64x100 77x130 77x155 90x157
27,000
35x80
35x80 35x121 51x80
51x100 64x100 77x130 90x131
33,000
35x50
35x60
35x80
35x121 51x80 51x100 64x100 64x144 90x131 90x157
39,000
35x50
35x80
35x80
35x121 51x80 51x121 64x100 77x115 90x157
47,000
35x50
35x60
35x80
35x121
51x80 51x100 64x100 64x144 77x144
56,000
35x60
35x80
35x100 35x121
51x80 51x100 64x100 64x144
68,000
35x60
35x80
35x121 51x100 51x100 64x100 64x144 77x144
82,000
35x80
35x80
35x121 51x100 51x100 64x100 77x144
100,000
35x80 35x121
51x80
51x121 64x100 64x144
120,000
35x121 51x80
51x90
51x121 64x121 64x144
150,000
51x80
51x80
51x121 64x100 64x144 77x144
180,000
51x80
51x90
51x121 64x100 64x144
220,000
51x100 51x121 64x100 64x144 77x144
270,000
64x100 51x121 64x115 77x115
330,000
64x100 64x121 77x121 77x144
390,000
64x121 64x121 77x121
470,000
64x121 77x121
560,000
77x121 77x121
680,000
77x121
Convert to inches, divide by 25.4.
µF
DxL(mm)


同様の部品番号 - 393LKP016M

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
393 ETC2-393 Datasheet
1Mb / 2P
   Resistance measurement
logo
Energizer
393 ENERGIZER-393 Datasheet
332Kb / 1P
   Silver Oxide Batteries
logo
B&K Precision Corporati...
393 BK-393 Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
393 ETC-393 Datasheet
18Kb / 1P
   EXALITE 392E
logo
Everlight Electronics C...
393-2SURD EVERLIGHT-393-2SURD Datasheet
96Kb / 6P
   7.9mm Round Type LED Lamps
More results

同様の説明 - 393LKP016M

メーカー部品番号データシート部品情報
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com