データシートサーチシステム |
|
SS-5 データシート(PDF) 2 Page - Cooper Bussmann, Inc. |
|
SS-5 データシート(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 2 page ©2008 Cooper Bussmann St. Louis, MO 63178 636-394-2877 www.cooperbussmann.com Reorder # 4032 0308-5M P r i nted in USA Application Notes Power supplies, power adapters and battery chargers play a critical role in the operation of virtually all consumer electronic devices. These power supplies or battery chargers convert high AC voltage from the wall outlet to the low DC voltage used to operate today’s consumer electronic products. These include note- book computers, printers, MP3 players, mobile phones, high definition televisions, DVD players and set top boxes. Because these products are plugged into the wall, they require primary circuit protection, as the device can be exposed to dangerous overcurrent events. The Cooper Bussmann SR-5, SS-5 and new SR-5H Series of radial leaded fuses provide cost effective primary circuit protection without sacrificing performance in space-constrained power supply applications. The IEC designs have approvals through 6.3A, and UL designs through 10A. For applications requiring fuse replacement, order PCS radial fuse holder. Typical Applications • Power Supplies • Power adapters • Battery Chargers • Notebooks • Printers • TVs / Displays • White Goods • Set Top Boxes • Air Conditioners • Lighting Ballasts Radial Fuse Family Quick Cross Reference SR-5, SR-5F 7.6mm SR-5H 8.6mm SR-5, SR-5F 35.0mm SR-5H 36.0mm 8.4mm 8.4mm 4.3mm 5.08mm 0.6 ϕ 0.5 Min. 9.0mm 18.0mm 12.7mm 15.0mm optional lead form 7.5 SR-5 / SR-5F / SR-5H Tape Packaging* 35.0mm 8.4mm 8.6mm 4.3mm 5.08mm 0.6 ϕ 0.5 Min. 9.0mm 18.0mm 12.7mm 15.0mm optional lead form 7.5 4.3mm SS-5 / SS-5F Style/Agency Information/Type Cooper Bussmann Littelfuse Conquer Round, IEC Time-Delay SR-5 372 MET Rectangular, IEC Time-Delay SS-5 392 MST Round, UL Fast-Acting SR-5F 373 MAF Rectangular, UL Fast-Acting SS-5F 395 SAF Round, IEC, Time-Delay SR-5H 382 - Order samples online - www.cooperbussmann.com SR-5/SS-5/SR-5H Specifications Catalog Symbols: SR-5-40mA to SR-5-6.3A SS-5-500mA to SS-5-6.3A SR-5F-800mA to SR-5F-10A SS-5F-800mA to SS-5F-10A SR-5H-1A to SR-5H-6.3A Technology: Radial lead through-hole fuses Product Dimensions - mm Tape Packaging* * Bulk and ammo-pack available. |
同様の部品番号 - SS-5 |
|
同様の説明 - SS-5 |