データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA4411M データシート(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

部品番号 TPA4411M
部品情報  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
ホームページ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411M データシート(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411M Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411M Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0.001
0.01
0.1
1
10
100
1
10
PO − Output Power − mW
In Phase
180
° Out of Phase
30
VDD = 1.8 V,
RL = 16 Ω,
fIN = 20 Hz
Single
Channel
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 16 Ω,
fIN = 10 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 16 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
30
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
1
10
30
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 1.8 V,
RL = 32 Ω,
fIN = 20 Hz
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
C(PUMP) = C(PVSS) = 2.2 µF , CIN = 1 µF (unless otherwise noted)
FIGURE
Total harmonic distortion + noise
vs Output power
1–24
Total harmonic distortion + noise
vs Frequency
25–32
Supply voltage rejection ratio
vs Frequency
33, 34
Power dissipation
vs Output power
35–42
Crosstalk
vs Frequency
43–46
Output power
vs Supply voltage
47–50
Quiescent supply current
vs Supply voltage
51
Output power
vs Load resistance
5–60
Output spectrum
61
Gain and phase
vs Frequency
62, 63
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
Copyright © 2004–2008, Texas Instruments Incorporated
7
Product Folder Link(s): TPA4411 TPA4411M


同様の部品番号 - TPA4411M

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4411M TI-TPA4411M Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJ TI-TPA4411MRTJ Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJR TI-TPA4411MRTJR Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJRG4 TI-TPA4411MRTJRG4 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJT TI-TPA4411MRTJT Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

同様の説明 - TPA4411M

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com