データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM200-02-2 データシート(PDF) 8 Page - Finisar Corporation.

部品番号 DM200-02-2
部品情報  10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM200-02-2 データシート(HTML) 8 Page - Finisar Corporation.

Back Button DM200-02-2 Datasheet HTML 2Page - Finisar Corporation. DM200-02-2 Datasheet HTML 3Page - Finisar Corporation. DM200-02-2 Datasheet HTML 4Page - Finisar Corporation. DM200-02-2 Datasheet HTML 5Page - Finisar Corporation. DM200-02-2 Datasheet HTML 6Page - Finisar Corporation. DM200-02-2 Datasheet HTML 7Page - Finisar Corporation. DM200-02-2 Datasheet HTML 8Page - Finisar Corporation. DM200-02-2 Datasheet HTML 9Page - Finisar Corporation. DM200-02-2 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DM200-01-0/1/2 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –10-May-07
Rev_A
Page 8
Table 10: DWDM Product Identification L-Band 100 GHz
Channel
ID
Frequency
(GHz)
Wavelength
(nm)
Channel
ID
Frequency
(GHz)
Wavelength
(nm)
8670
186700
1605.744
8920
189200
1584.527
8680
186800
1604.885
8930
189300
1583.69
8690
186900
1604.026
8940
189400
1582.854
8700
187000
1603.168
8950
189500
1582.018
8710
187100
1602.311
8960
189600
1581.184
8720
187200
1601.455
8970
189700
1580.35
8730
187300
1600.6
8980
189800
1579.518
8740
187400
1599.746
8990
189900
1578.686
8750
187500
1598.893
9000
190000
1577.855
8760
187600
1598.041
9010
190100
1577.025
8770
187700
1597.189
9020
190200
1576.196
8780
187800
1596.339
9030
190300
1575.368
8790
187900
1595.489
9040
190400
1574.54
8800
188000
1594.641
9050
190500
1573.714
8810
188100
1593.793
9060
190600
1572.888
8820
188200
1592.946
9070
190700
1572.063
8830
188300
1592.1
9080
190800
1571.239
8840
188400
1591.255
9090
190900
1570.416
8850
188500
1590.411
9100
19100
1569.594
8860
188600
1589.568
9110
191100
1568.773
8870
188700
1588.725
9120
191200
1567.952
8880
188800
1587.884
9130
191300
1567.133
8890
188900
1587.043
9140
191400
1566.314
8900
189000
1586.203
9150
191500
1565.496
8910
189100
1585.365
9160
191600
1564.679
VII. Quality and Reliability
Lifetime
The operating lifetime of the module is 15 years. The reliability target is 400 FITs mean
over 15 years to include random and wear out failures, valid for high-end of case
temperature range. All specifications apply over this period of time.
Qualification
The DM200-01 module has been qualified in accordance with the Telcordia standard GR-
468-CORE. The qualification report is available upon request.


同様の部品番号 - DM200-02-2

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-1 FINISAR-DM200-01-1 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-2 FINISAR-DM200-01-2 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4 FINISAR-DM200-01-4 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

同様の説明 - DM200-02-2

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM80-01-3 FINISAR-DM80-01-3 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Finisar Corporation.
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com